Electronic Components Datasheet Search
  English  ▼

X  

PWR1302AC Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # PWR1302AC
Description  1.5 Watts Unregulated DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

PWR1302AC Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  PWR1302AC Datasheet HTML 1Page - Murata Power Solutions Inc. PWR1302AC Datasheet HTML 2Page - Murata Power Solutions Inc. PWR1302AC Datasheet HTML 3Page - Murata Power Solutions Inc. PWR1302AC Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MECHANICAL
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Duration ..................................................... 5 seconds
Internal Power Dissipation.............................................................. 750mW
Lead Temperature (soldering, 10 seconds max) .............................+300°C
Device Family
PWR indicates DC/DC converter
Model Number
Selected from Table of Electrical Characteristics
Package
RoHS Compliant
PWR
13XX A
C
ORDERING INFORMATION
Notes:
All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
* Common pins not present on single output models.
PIN PLACEMENT TOLERANCE: ± 0.015"
Marked with: specific model ordered, date code, job code.
MATERIAL: Units are encapsulated in a low thermal resistance
molding compound which has excellent chemical resistance, wide
operating temperature range, and good electrical properties under
high humidity environments. The encapsulant and outer shell of the
unit have UL94V-0 ratings. Lead material is matte tin 100 microinches
min., over nickel, 40-80 microinches.
PIN CONNECTIONS
PIN
SINGLE MODELS
DUAL MODELS
1
+V
IN
+V
IN
2
+V
IN
+V
IN
11
+V
OUT
+V
OUT
12
+V
OUT
+V
OUT
13
-V
OUT
Common
14
-V
OUT
Common
15
No Pin
-V
OUT
23
-V
IN
-V
IN
24
-V
IN
-V
IN
1.270±0.010"
(32.26)
.010±0.005"
(0.25)
0.400±0.010"
(10.16)
0.170" MIN
(4.32)
0.100±0.015"
(2.54)
.020±0.002"
(0.51)
12
11
2
1
13
14
15
23
24
BOTTOMVIEW
SIDEVIEW
TOPVIEW
.1025"
(.267)
The PWR13XXC devices are intended for wave soldering or manual soldering.
They are not intended to be subject to surface mount processes under any circumstances.
The normal wave soldering process can be used with these devices where the device is subjected
to a maximum wave temperature of 260°C for a period of no more than 10 seconds. Within this time
and temperature range, the integrity of the device’s plastic body will not be compromised and internal
temperatures within the converter will not exceed 175°C. Care should be taken to control manual
soldering limits identical to that of wave soldering.
SOLDERING INFORMATION
MDC_PWR13xxC.B01 Page 3 of 4
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
PWR13xxC
1.5 Watts Unregulated DC/DC Converters



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com