Electronic Components Datasheet Search
  English  ▼

X  

PWR7017AC Datasheet(PDF) 3 Page - C&D Technologies

Part # PWR7017AC
Description  5 WATTS REGULATED DC/DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR7017AC Datasheet(HTML) 3 Page - C&D Technologies

  PWR7017AC Datasheet HTML 1Page - C&D Technologies PWR7017AC Datasheet HTML 2Page - C&D Technologies PWR7017AC Datasheet HTML 3Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PWR70xxAC
Rev G
08/2007
Page 3
ORDERING INFORMATION
Device Family
PWR Indicates DC/DC Converter
Model Number
Se;ected from Table of Electrical Characteristics
Package Option
A or C (see mechanical section
RoHS Compliant
PWR
70xx A
C
MECHANICAL
These devices are intended for wave soldering or manual soldering.
They are not intended to be subject to surface mount processes under any circumstances.
The normal wave soldering process can be used with these devices where the device is subjected to a maximum wave
temperature of 260°C for a period of no more than 10 seconds. Within this time and temperature range, the integrity of
the device’s plastic body will not be compromised and internal temperatures within the converter will not exceed 175°C.
Care should be taken to control manual soldering limits identical to that of wave soldering.
THROUGH-HOLE SOLDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Duration.......................................Continuous
Internal Power Dissipation..................................................... 3.5W
Lead Temperature (soldering, 10 seconds max)................+300°C
NOTES: All dimensions are in inches (millimeters)
GRID: 0.1 inches (2.54 millimeters)
* Common pin not present on single output models
Marked with: specific model ordered, date code, job code.
PIN PLACEMENT TOLERANCE 0.015"
MATERIAL: Units are encapsulated in a low thermal resistance
molding compount which has excellent chemical resistance,
wide operating temperature range, and good electrical properties
under high humidity environments. The encapsulant and outer
shell of the unit have UL94V-0 ratings. Lead material is brass
with 100-300 micro-inches of matte tin over a 5-40 micro-inch
nickel barrier layer.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com