Electronic Components Datasheet Search
  English  ▼

X  

SN54ALS08 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS08
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS08 Datasheet(HTML) 1 Page - Texas Instruments

  SN54ALS08 Datasheet HTML 1Page - Texas Instruments SN54ALS08 Datasheet HTML 2Page - Texas Instruments SN54ALS08 Datasheet HTML 3Page - Texas Instruments SN54ALS08 Datasheet HTML 4Page - Texas Instruments SN54ALS08 Datasheet HTML 5Page - Texas Instruments SN54ALS08 Datasheet HTML 6Page - Texas Instruments SN54ALS08 Datasheet HTML 7Page - Texas Instruments SN54ALS08 Datasheet HTML 8Page - Texas Instruments SN54ALS08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN54ALS08, SN54AS08, SN74ALS08, SN74AS08
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SDAS191A – APRIL 1982 – REVISED DECEMBER 1994
Copyright
© 1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These devices contain four independent 2-input
positive-AND gates. They perform the Boolean
functions Y = A
• B or Y = A + B in positive logic.
The
SN54ALS08
and
SN54AS08
are
characterized for operation over the full military
temperature range of – 55
°C to 125°C. The
SN74ALS08 and SN74AS08 are characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
Y
H
H
H
L
XL
X
L
L
logic symbol†
logic diagram (positive logic)
1
1A
2
1B
4
2A
5
2B
9
3A
10
3B
12
4A
13
4B
&
1Y
3
2Y
6
3Y
8
4Y
11
1
1A
2
1B
1Y
3
4
2A
5
2B
2Y
6
9
3A
10
3B
3Y
8
12
4A
13
4B
4Y
11
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
SN54ALS08, SN54AS08 ...J PACKAGE
SN74ALS08, SN74AS08 ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54ALS08, SN54AS08 . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54ALS08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS08 TI-SN54ALS08 Datasheet
635Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ALS08 TI1-SN54ALS08 Datasheet
1Mb / 19P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ALS08J TI-SN54ALS08J Datasheet
635Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ALS08J TI1-SN54ALS08J Datasheet
1Mb / 19P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ALS08 TI-SN54ALS08_07 Datasheet
635Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Similar Description - SN54ALS08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5408 TI-SN5408 Datasheet
625Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com