Electronic Components Datasheet Search
  English  ▼

X  

VPS3503 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # VPS3503
Description  Klystron Transmitter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VPS3503 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  VPS3503 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transmitters
150 Sohier Road
Beverly, Massachusetts 01915
Beverly Microwave Division
Phone: 978-922-6000 Fax: 978-922-2736
E-Mail: marketing@bmd.cpii.com
Internet: www.cpii.com/bmd
Features:
· Frequency: 2.7 – 3.0 GHz
· Peak RF Output Power: 850 kW (minimum)
· Duty Cycle: 0.2%
· Pulsewidth: 1.2 – 5 mSec
· Gain: 60dB
· Input Power: 208VAC, 3 Phase, 50/60Hz
· Control: TTL differential lines.
· Output: Waveguide mates with UG-1725/U
· Cooling: Forced Air
· Size: Fits into 2-Bay Standard Cabinet
VPS 3503 Klystron Transmitter
Description: 850 kW S-Band Klystron Transmitter.
Solid-State modulator. Good Stability performance.


Similar Part No. - VPS3503

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS36-1200 TRIAD-VPS36-1200 Datasheet
124Kb / 1P
POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES
VPS36-2200 TRIAD-VPS36-2200 Datasheet
127Kb / 1P
POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES
VPS36-3600 TRIAD-VPS36-3600 Datasheet
126Kb / 1P
POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES
VPS36-4800 TRIAD-VPS36-4800 Datasheet
127Kb / 1P
POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES
VPS36-700 TRIAD-VPS36-700 Datasheet
124Kb / 1P
POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES
More results

Similar Description - VPS3503

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VKL-7811 CPI-VKL-7811 Datasheet
99Kb / 2P
Klystron
VKL-7966A CPI-VKL-7966A Datasheet
336Kb / 2P
Klystron
VKL-78111 CPI-VKL-78111 Datasheet
99Kb / 2P
Klystron
VKP-7952_SERIES CPI-VKP-7952_SERIES Datasheet
137Kb / 2P
Klystron
VKP-7953B CPI-VKP-7953B Datasheet
152Kb / 2P
Klystron
VKP-7958A CPI-VKP-7958A Datasheet
151Kb / 1P
Klystron
VKP-8290A CPI-VKP-8290A Datasheet
229Kb / 2P
Klystron
VKS-8262 CPI-VKS-8262 Datasheet
116Kb / 2P
Klystron
VKA-7934 CPI-VKA-7934 Datasheet
438Kb / 2P
Klystron
VKA-79321 CPI-VKA-79321 Datasheet
355Kb / 2P
Klystron
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com