Electronic Components Datasheet Search
  English  ▼

X  

SN74AS10 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS10
Description  TRIPLE 3-INPUT POSITIVE-NAND GATES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS10 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS10 Datasheet HTML 1Page - Texas Instruments SN74AS10 Datasheet HTML 2Page - Texas Instruments SN74AS10 Datasheet HTML 3Page - Texas Instruments SN74AS10 Datasheet HTML 4Page - Texas Instruments SN74AS10 Datasheet HTML 5Page - Texas Instruments SN74AS10 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN54ALS10A, SN54AS10, SN74ALS10A, SN74AS10
TRIPLE 3-INPUT POSITIVE-NAND GATES
SDAS002B – MARCH 1984 – REVISED DECEMBER 1994
Copyright
© 1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These devices contain three independent 3-input
positive-NAND gates. They perform the Boolean
functions Y = A
• B • C or Y = A + B + C in positive
logic.
The
SN54ALS10A
and
SN54AS10
are
characterized for operation over the full military
temperature range of – 55
°C to 125°C. The
SN74ALS10A and SN74AS10 are characterized
for operation from 0
°C to 70°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
Y
H
H
H
L
L
XX
H
X
LX
H
X
X
L
H
logic symbol†
logic diagram (positive logic)
&
1
1A
2
1B
13
1C
1Y
12
3
2A
4
2B
5
2C
2Y
6
9
3A
10
3B
11
3C
3Y
8
3B
1B
3A
3C
3Y
2A
2C
2Y
1Y
1C
1A
2B
1
2
13
3
4
5
9
10
11
12
6
8
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
SN54ALS10A, SN54AS10 ...J PACKAGE
SN74ALS10A, SN74AS10 ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2C
2Y
GND
VCC
1C
1Y
3C
3B
3A
3Y
SN54ALS10A, SN54AS10 . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y
NC
3C
NC
3B
2A
NC
2B
NC
2C
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AS10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS10 TI-SN74AS10 Datasheet
665Kb / 16P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN74AS1000A TI-SN74AS1000A Datasheet
56Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN74AS1000A TI-SN74AS1000A Datasheet
80Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN74AS1000A TI1-SN74AS1000A Datasheet
983Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN74AS1000AD TI-SN74AS1000AD Datasheet
56Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
More results

Similar Description - SN74AS10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54HC10 TI-SN54HC10_07 Datasheet
664Kb / 17P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54ALS10A TI-SN54ALS10A_08 Datasheet
665Kb / 16P
TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LV10A RENESAS-HD74LV10A Datasheet
68Kb / 8P
Triple 3-input Positive NAND Gates
HD74LS10 RENESAS-HD74LS10 Datasheet
65Kb / 6P
Triple 3-Input Positive NAND Gates
logo
Potato Semiconductor Co...
PO74G10A POTATO-PO74G10A_14 Datasheet
1Mb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
54ACT11010 TI1-54ACT11010_09 Datasheet
80Kb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
CD74ACT10 TI1-CD74ACT10_14 Datasheet
806Kb / 12P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54AC10 TI1-SN54AC10_15 Datasheet
1Mb / 20P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54ACT10 TI1-SN54ACT10_15 Datasheet
1Mb / 19P
TRIPLE 3-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com