Electronic Components Datasheet Search
  English  ▼

X  

WPC03R Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # WPC03R
Description  3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

WPC03R Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  WPC03R Datasheet HTML 1Page - Murata Power Solutions Inc. WPC03R Datasheet HTML 2Page - Murata Power Solutions Inc. WPC03R Datasheet HTML 3Page - Murata Power Solutions Inc. WPC03R Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WPC03R
01/2009
Page 2
Output Short Circuit Protection--------------Continuous
Internal Power Dissipation----------------------------1.5W
Max Case Temperature-----------------------------+100°C
ABSOLUTE MAXIMUM RATINGS
ORDERING INFORMATION
WPC03R
xxyzz -
Device Family
Indicates wide input power 3W regulated DC/DC
Model Number
Selected from Table of Electrical Characteristics
xx=input voltage
y=number of outputs: S=single, D=dual
zz=output voltage
Pinout option E or L
ELECTRICAL SPECIFICATIONS
Specifications typical at T
A=25°C, nominal input voltage, rated output current unless otherwise stated.
Nominal
Rated
Max Input
Max
Input
Output
Output Current (mA)
Current
Capacitive
Efficiency
Voltage
Voltage
(mA)
Load ( F)
%
Model
(Volts)
(Volts)
Min Load
Rated Load
Rated Load
(See Note 1)
WPC03R12S05
12
5.0
60
600
448
600
77
WPC03R12S12
12
12.0
24
250
445
250
80
WPC03R12S15
12
15.0
20
200
445
200
81
WPC03R12D05
12
+5.0
+30
+300
470
+300
74
WPC03R12D12
12
+12.0
+12
+125
475
+125
76
WPC03R12D15
12
+15.0
+10
+100
475
+100
77
WPC03R24S05
24
5.0
60
600
230
600
74
WPC03R24S12
24
12.0
24
250
230
250
75
WPC03R24S15
24
15.0
20
200
225
200
76
WPC03R24D05
24
+5.0
+30
+300
240
+300
73
WPC03R24D12
24
+12.0
+12
+125
235
+125
74
WPC03R24D15
24
+15.0
+10
+100
230
+100
75
WPC03R48S05
48
5.0
60
600
120
600
74
WPC03R48S12
48
12.0
24
250
118
250
75
WPC03R48S15
48
15.0
20
200
116
200
76
WPC03R48D05
48
+5.0
+30
+300
120
+300
73
WPC03R48D12
48
+12.0
+12
+125
118
+125
76
WPC03R48D15
48
+15.0
+10
+100
116
+100
77
NOTE 1: Although minimum load specifications are indicated for load measurement purposes, all models will operate under no-load conditions.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com