Electronic Components Datasheet Search
  English  ▼

X  

SSPA Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # SSPA
Description  Rack-Mount Solid State Power Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

SSPA Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  SSPA Datasheet HTML 1Page - Communications & Power Industries, Inc. SSPA Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rack-Mount Solid State Power Amplifiers
CPI Solid Inside and Out
811 Hansen Way
P.O. Box 51625, Palo Alto, CA 94303
tel: +1 (650) 846-3803
fax: +1 (650) 424-1744
e-mail: marketing@satcom.cpii.com
www.cpii.com/satcom
CPI-Built RF Brick Inside
With CPI-built RF brick inside and plenty
of thermal margin, SSPA is rock-solid, highly
efficient and easy to maintain. Provides up
to 125 or 225 watts of power in a 5.25"
rack-mountable unit covering the
5.850 - 6.425 GHz frequency band.
Multi-Carrier Digital Operation
Highly linear: excellent AM/PM, phase noise
and spectral regrowth performance.
Simple to Operate
User-friendly microprocessor-controlled logic
with integrated RS422/485 computer interface,
digitally controlled attenuator, and optional
Ethernet interface.
High Power SSPAs
Model S5CI Series 125
and 225 Watt C-band
Solid State Power
Amplifiers—Efficient
and Compact With CPI
Brick Inside.
Global Applications
Meets International Safety Standards
EN-60950 and EN-60215, Electromagnetic
Compatibility 2004/108/EC and Harmonic
Standard EN-61000-3-2 to satisfy worldwide
requirements.
Worldwide Support
Backed by over three decades of satellite
communications experience, and CPI’s
worldwide 24-hour customer support network
that includes sixteen regional factory
service centers.
C-Band


Similar Part No. - SSPA

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSP-01TWB2UPW12 LUMEX-SSP-01TWB2UPW12 Datasheet
56Kb / 1P
LED MINIATURE WEDGE BASE, GREEN, MILKY WHITE DIFFUSED
SSP-01TWB2UPWB12 LUMEX-SSP-01TWB2UPWB12 Datasheet
45Kb / 1P
LED MINIATURE WEDGE BASE LAMP, ULTRA PURE GREEN, WATER CLEAR LENS
SSP-01TWB3SW12 LUMEX-SSP-01TWB3SW12 Datasheet
45Kb / 1P
LED MINIATURE WEDGE BASE, YELLOW, MILKY WHITE DIFFUSED
SSP-01TWB3SW12 LUMEX-SSP-01TWB3SW12 Datasheet
45Kb / 1P
ELECTRO-OPTICAL CHARATERISTICS
SSP-01TWB3SWB12 LUMEX-SSP-01TWB3SWB12 Datasheet
45Kb / 1P
LED MINATURE WEDGE BASE LAMP
More results

Similar Description - SSPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC2393 ETC1-MC2393 Datasheet
366Kb / 2P
C-BAND SOLID STATE POWER AMPLIFIERS
logo
celduc-relais
SAL942460 CELDUC-SAL942460 Datasheet
723Kb / 6P
Power Solid State Contactor
SC741110 CELDUC-SC741110 Datasheet
97Kb / 2P
Power Solid State Relay
SC742110 CELDUC-SC742110 Datasheet
97Kb / 2P
Power Solid State Relay
SC764110 CELDUC-SC764110 Datasheet
98Kb / 2P
Power Solid State Relay
SC841110 CELDUC-SC841110 Datasheet
96Kb / 2P
Power Solid State Relay
SC841910 CELDUC-SC841910 Datasheet
96Kb / 2P
Power Solid State Relay
SC844910 CELDUC-SC844910 Datasheet
98Kb / 2P
Power Solid State Relay
logo
American Accurate Compo...
PA8018N4020 AAC-PA8018N4020 Datasheet
56Kb / 1P
1W Solid State Power and GPS Power Amplifiers
logo
Picker Components
PCD210-440 PICKER-PCD210-440_14 Datasheet
462Kb / 4P
Surface Mount Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com