Electronic Components Datasheet Search
  English  ▼

X  

ALS05A Datasheet(PDF) 1 Page - Texas Instruments

Part # ALS05A
Description  HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ALS05A Datasheet(HTML) 1 Page - Texas Instruments

  ALS05A Datasheet HTML 1Page - Texas Instruments ALS05A Datasheet HTML 2Page - Texas Instruments ALS05A Datasheet HTML 3Page - Texas Instruments ALS05A Datasheet HTML 4Page - Texas Instruments ALS05A Datasheet HTML 5Page - Texas Instruments ALS05A Datasheet HTML 6Page - Texas Instruments ALS05A Datasheet HTML 7Page - Texas Instruments ALS05A Datasheet HTML 8Page - Texas Instruments ALS05A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN54ALS05A, SN74ALS05A
HEX INVERTERS
WITH OPEN-COLLECTOR OUTPUTS
SDAS190A – APRIL 1982 – REVISED DECEMBER 1994
Copyright
© 1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These devices contain six independent hex
inverters
with
open-collector
outputs.
They
perform the Boolean function Y = A. The
open-collector outputs require pullup resistors to
perform correctly. These outputs can be con-
nected
to
other
open-collector
outputs
to
implement active-low wired-OR or active-high
wired-AND functions. Open-collector devices are
often used to generate higher VOH levels.
The SN54ALS05A is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The SN74ALS05A is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H
logic symbol†
logic diagram (positive logic)
1
1A
1Y
2
3
2A
2Y
4
5
3A
3Y
6
9
4A
4Y
8
11
5A
5Y
10
13
6A
6Y
12
1
6A
6Y
5A
5Y
4A
4Y
3A
3Y
2A
2Y
1Y
1A
1
3
5
9
11
13
2
4
6
8
10
12
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
SN54ALS05A ...J PACKAGE
SN74ALS05A ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54ALS05A . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - ALS05A

ManufacturerPart #DatasheetDescription
logo
Mersen
ALS MERSEN-ALS Datasheet
383Kb / 2P
Forklift Truck Fuses
logo
List of Unclassifed Man...
ALS-100 ETC1-ALS-100 Datasheet
244Kb / 2P
Stud-mounted fuses one-time
ALS-175 ETC1-ALS-175 Datasheet
244Kb / 2P
Stud-mounted fuses one-time
ALS-200 ETC1-ALS-200 Datasheet
244Kb / 2P
Stud-mounted fuses one-time
ALS-200B ETC1-ALS-200B Datasheet
244Kb / 2P
Stud-mounted fuses one-time
More results

Similar Description - ALS05A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM7405 FAIRCHILD-DM7405 Datasheet
35Kb / 3P
Hex Inverters with Open-Collector Outputs
DM74LS05 FAIRCHILD-DM74LS05 Datasheet
61Kb / 5P
Hex Inverters with Open-Collector Outputs
logo
Hitachi Semiconductor
HD74LS04 HITACHI-HD74LS04 Datasheet
50Kb / 5P
Hex Inverters(with Open Collector Outputs)
logo
National Semiconductor ...
DM5405 NSC-DM5405 Datasheet
97Kb / 4P
DM5405/DM7405 Hex Inverters with Open-Collector Outputs
54LS05 NSC-54LS05 Datasheet
61Kb / 2P
HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LS05 TI-SN54LS05 Datasheet
697Kb / 20P
HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
logo
Renesas Technology Corp
HD74LS04 RENESAS-HD74LS04 Datasheet
83Kb / 6P
Hex Inverters / Hex Inverters (with Open Collector Outputs)
logo
Texas Instruments
SN54LS05W TI-SN54LS05W Datasheet
893Kb / 22P
HEX INVERTERS WITH OPEN-COLLECTOR OUPUTS
logo
Renesas Technology Corp
HD74LS04 RENESAS-HD74LS04_15 Datasheet
103Kb / 8P
Hex Inverters / Hex Inverters (with Open Collector Outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com