Electronic Components Datasheet Search
  English  ▼

X  

MDS758 Datasheet(PDF) 2 Page - Zentrum Mikroelektronik Dresden AG

Part # MDS758
Description  Package LQFP44
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

MDS758 Datasheet(HTML) 2 Page - Zentrum Mikroelektronik Dresden AG

  MDS758 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG MDS758 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Zentrum Mikroelektronik Dresden AG
Editor: signed Schoder
Date: 30.04.2002
Doc-No.
QS-000758-HD-02
Check signed Marx
Quality signed Gersdorf:
ZMD-Standard
April 2002
Supersedes
Edition 12.99
Package LQFP44
(10 x 10)
MDS
758
Dimensions in millimetres
Based on JEDEC JEP95: MS-026
1Dimensions
Dimensions of Sub-Group B1
Dimensions of Sub-Group C1
enom
0,80
Amin
-
Amax
1,60
A1min
0,05
bPmin
0,30
A1max
0,15
bPmax
0,45
A2min
1,35
HEmin
11,85
A2max
1,45
HEmax
12,15
cmin
0,09
HDmin
11,85
cmax
0,20
HDmax
12,15
Dmin*9,75
LPmin
0,45
Dmax*
10,25
2Weight
£ 0,5 g
Emin*9,75
3 Package Body Material
Low Stress Epoxy
Emax*
10,25
4Lead Material
FeNi-Alloy or Cu-Alloy
qmin
0°
5Lead Finish
solder plating
qmax
7°
6Lead Form
Z-bends
* without mold-flas
Lp
Detail Z
D
0,1
HD
1
Z



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com