Electronic Components Datasheet Search
  English  ▼

X  

SN74ALS161B Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS161B
Description  SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS161B Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ALS161B Datasheet HTML 6Page - Texas Instruments SN74ALS161B Datasheet HTML 7Page - Texas Instruments SN74ALS161B Datasheet HTML 8Page - Texas Instruments SN74ALS161B Datasheet HTML 9Page - Texas Instruments SN74ALS161B Datasheet HTML 10Page - Texas Instruments SN74ALS161B Datasheet HTML 11Page - Texas Instruments SN74ALS161B Datasheet HTML 12Page - Texas Instruments SN74ALS161B Datasheet HTML 13Page - Texas Instruments SN74ALS161B Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SN54ALS161B, SN54ALS162B, SN54ALS163B, SN54AS161, SN54AS163
SN74ALS161B, SN74ALS163B, SN74AS161, SN74AS163
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SDAS276 – DECEMBER 1994
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN54AS163
SN74AS163
MIN
MAX
MIN
MAX
fmax*
65
75
MHz
tPLH
RCO (with LOAD high)
1
8.5
1
8
tPLH
CLK
RCO (with LOAD low)
3
17.5
3
16.5
ns
tPHL
RCO
2
14
2
12.5
tPLH
CLK
Any Q
1
7.5
1
7
ns
tPHL
CLK
Any Q
2
14
2
13
ns
tPLH
ENT
RCO
1.5
10
1.5
9
ns
tPHL
ENT
RCO
1
9.5
1
8.5
ns
* On products compliant to MIL-STD-883, Class B, this parameter is based on characterization data but is not production tested.
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com