Electronic Components Datasheet Search
  English  ▼

X  

MDS752 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # MDS752
Description  Package SOP16
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

MDS752 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  MDS752 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZMD-Standard
March 1998
Package SOP16
(150 mil)
MDS
752
Zentrum Mikroelektronik Dresden AG
Editor: signed Schoder
Date: 30.03.1998
Doc-No.
QS-000752-HD-01
Check: signed Marx
Quality: signed Lorenz
Dimensions in millimetres
Based on IEC 191-2Q: Type 076E07S
1Dimensions
Dimensions of Sub-Group B1
Dimensions of Sub-Group C1
Amax
1,73
Amin
1,55
bPmin
0,35
A1min
0,127
bPmax
0,49
A1max
0,25
enom
1,27
A2min
1,40
HEmin
5,80
A2max
1,55
HEmax
6,30
cmin
0,19
LPmin
0,40
cmax
0,25
Zmax
0,55
Dmin*9,80
Dmax*9,98
2Weight
£ 0,5 g
Emin*3,80
3 Package Body Material
Low Stress Epoxy
Emax*4,00
4Lead Material
FeNi-Alloy or Cu-Alloy
kmin
0,25
5Lead Finish
solder plating
qmin
0°
6Lead Form
Z-bends
qmax
8°
* without mold-flash
View X
LP
k x 45
°
Z
0,1
X
e
D
1
16
b
M
0,2


Similar Part No. - MDS752

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MDS75 YANGJIE-MDS75 Datasheet
69Kb / 3P
Three Phase Rectifier Bridge
logo
Insel Rectifier India P...
MDS75 IRI-MDS75 Datasheet
1Mb / 3P
THREE PHASE BRIDGE MODULE
logo
Shenzhen Luguang Electr...
MDS75 LUGUANG-MDS75 Datasheet
1Mb / 1P
Single-phase/Three-phase bridge rectifier modules
logo
Yangzhou yangjie electr...
MDS75-08 YANGJIE-MDS75-08 Datasheet
69Kb / 3P
Three Phase Rectifier Bridge
logo
GeneSiC Semiconductor, ...
MDS75-08 GENESIC-MDS75-08 Datasheet
513Kb / 3P
High Surge Capability
More results

Similar Description - MDS752

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
Package on Package (PoP) Family
logo
Zentrum Mikroelektronik...
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
Package PDIP28
MDS746 ZMD-MDS746 Datasheet
128Kb / 1P
Package PDIP32
MDS748 ZMD-MDS748 Datasheet
154Kb / 1P
Package SOP14
MDS773 ZMD-MDS773 Datasheet
79Kb / 1P
Package SOP16
MDS745 ZMD-MDS745 Datasheet
136Kb / 1P
Package SOP32
MDS753 ZMD-MDS753 Datasheet
155Kb / 1P
Package SSOP16
logo
Exar Corporation
SP6203ER-L EXAR-SP6203ER-L Datasheet
1Mb / 14P
PACKAGE SPECIFICATIO
logo
Lyontek Inc.
LY8221 LYONTEK-LY8221_12 Datasheet
954Kb / 18P
3.0W Stereo & 3D Enhancement Class D Audio Power Amplifier (SOP16)
logo
List of Unclassifed Man...
OZ9919 ETC2-OZ9919 Datasheet
1Mb / 31P
OZ9976GN, OZ9976, SOP16 / LCD TV Controller , OZMICRO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com