Electronic Components Datasheet Search
  English  ▼

X  

VKA-7932 Datasheet(PDF) 2 Page - Communications & Power Industries, Inc.

Part # VKA-7932
Description  Klystron
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VKA-7932 Datasheet(HTML) 2 Page - Communications & Power Industries, Inc.

  VKA-7932 Datasheet HTML 1Page - Communications & Power Industries, Inc. VKA-7932 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For additional information on Ka-band, other CPI MPP products or a copy of our catalog-on-disk contact:
CPI/Microwave Products Division, 811 Hansen Way, Palo Alto, CA 94303-0750
Telephone: 650-846-3900, Fax: 650-856-0705, Email: marketing@cpii.com
Typical Performance Characteristics
Measured data for the VKA-7932A serial number 101.
Operating voltage is 10.3 kV, current 840 mA.
Frequency Response
Transfer Curve
53
54
55
56
57
58
59
60
61
34.236 34.256 34.276 34.296 34.316 34.336 34.356 34.376 34.396
Pin=16 dBm
Pin=15 dBm
Pin=14 dBm
Pin=13 dBm
Pin=12 dBm
Pin=11 dBm
Pin=10 dBm
1060 Watts
Frequency (GHz)
50
51
52
53
54
55
56
57
58
59
60
61
0
2
4
6
8
10
12
14
16
18
20
fo
fo-50 MHz
fo+50 MHz
Input Power (dBm)
cpi[



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com