Electronic Components Datasheet Search
  English  ▼

X  

VKA-7934 Datasheet(PDF) 2 Page - Communications & Power Industries, Inc.

Part # VKA-7934
Description  Klystron
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VKA-7934 Datasheet(HTML) 2 Page - Communications & Power Industries, Inc.

  VKA-7934 Datasheet HTML 1Page - Communications & Power Industries, Inc. VKA-7934 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For additional information on Ka-band, other CPI MPP products or a copy of our catalog-on-disk contact:
CPI/Microwave Products Division, 811 Hansen Way, Palo Alto, CA 94303-0750
Telephone: 650-846-3900, Fax: 650-856-0705, Email: marketing@cpii.com
Expected Performance Characteristics
Measured data for the VKA-7934 Fixed Tuned Klystron Serial Number 001
tuned to 150 MHz Instantaneous Bandwidth.
Frequency Response
Transfer and Gain Curve
53
54
55
56
57
58
59
60
61
62
63
29200 29225 29250 29275 29300 29325 29350 29375 29400 29425
Vo=9.5 kV
Io=0.85 A
Pin=10 dBm
Pin=7 dBm
-1 dB Bandwidth
150 MHz
Frequency (MHz)
VKA-7934 Klystron Serial Number 001
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14
Gain (dB)
Output Power (dBm)
Vo=9.5 kV
Io=0.85 A
fo=29.3125 GHz
Input Power (dBm)
VKA-7934 Klystron Serial Number 001
cpi[



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com