Electronic Components Datasheet Search
  English  ▼

X  

MDS739 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # MDS739
Description  Package SOP24
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

MDS739 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  MDS739 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZMD-Standard
November 1995
Supersedes
Package SOP24
(300 mil)
MDS
739
Zentrum Mikroelektronik Dresden GmbH
Editor: signed Schoder
Date: 13.11.1995
Doc-No.
QS-000739-HD-02
Check: signed Wilde
Quality: signed Lorenz
Als Betriebsgeheimnis anvertraut. Alle Rechte vorbehalten.
Proprietary data, company confidential. All rights reserved.
Maße in mm
Based on IEC 191-2Q: Type 075E05 B
1Dimensions
Dimensions of Sub-Group B1
Dimensions of Sub-Group C1
Amax
2,65
Amin
2,45
bPmin
0,35
A1min
0,10
bPmax
0,49
A1max
0,30
enom
1,27
A2min
2,25
HEmin
10,00
A2max
2,45
HEmax
10,65
cmin
0,23
LPmin
0,40
cmax
0,32
Zmax
0,82
Dmin*
15,20
Dmax*
15,60
2Weight
 0,7 g
Emin*7,40
3 Package Body Material
Low stress epoxy
Emax*7,60
4Lead Material
FeNi-Alloy or Cu-Alloy
kmin
0,25
5Lead Finish
solder plating
°min
0
6Lead Form
Z-bends
°max
8
* without mold-flash
View X
LP
k x 45
Z
0,1
X
b
e
M
0,2
D
1
24


Similar Part No. - MDS739

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
MDS731 ZMD-MDS731 Datasheet
146Kb / 1P
Package PLCC28
MDS732 ZMD-MDS732 Datasheet
128Kb / 1P
Package PLCC52
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
Package PDIP28
MDS738 ZMD-MDS738 Datasheet
149Kb / 1P
Package LQFP32
More results

Similar Description - MDS739

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
Package on Package (PoP) Family
logo
Zentrum Mikroelektronik...
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
Package PDIP28
MDS746 ZMD-MDS746 Datasheet
128Kb / 1P
Package PDIP32
MDS748 ZMD-MDS748 Datasheet
154Kb / 1P
Package SOP14
MDS745 ZMD-MDS745 Datasheet
136Kb / 1P
Package SOP32
MDS753 ZMD-MDS753 Datasheet
155Kb / 1P
Package SSOP16
logo
KEC(Korea Electronics)
BAV21W KEC-BAV21W Datasheet
349Kb / 1P
USC PACKAGE
BC856W KEC-BC856W_08 Datasheet
349Kb / 1P
USM PACKAGE
KDR105 KEC-KDR105_08 Datasheet
21Kb / 1P
USM PACKAGE
logo
Exar Corporation
SP6203ER-L EXAR-SP6203ER-L Datasheet
1Mb / 14P
PACKAGE SPECIFICATIO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com