Electronic Components Datasheet Search
  English  ▼

X  

MDS715 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # MDS715
Description  Package SOP28
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

MDS715 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  MDS715 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZMD-Standard
November 1995
Supersedes
Edition 06.92
1. Amendment 09.93
Package SOP28
(300 mil)
MDS
715
Zentrum Mikroelektronik Dresden AG
Editor: signed Schoder
Date: 13.11.95
Doc-No.
QS-000715-HD-02
Check: signed Wilde
Quality: signed Lorenz
Als Betriebsgeheimnis anvertraut. Alle Rechte vorbehalten.
Proprietary data, company confidential. All rights reserved.
bp
Dimensions in millimetres
Based on IEC 191-2Q: Type 075E06 B
1Dimensions
Dimensions of Sub-Group B1
Dimensions of Sub-Group C1
Amax
2,65
Amin
2,35
bPmin
0,35
A1min
0,10
bPmax
0,49
A1max
0,30
enom
1,27
A2min
2,25
HEmin
10,00
A2max
2,45
HEmax
10,65
cmin
0,23
LPmin
0,40
cmax
0,32
Zmax
0,81
Dmin*
17,70
Dmax*
18,10
2Weight
 0,8 g
Emin*7,40
3 Package Body Material
Low Stress Epoxy
Emax*7,60
4Lead Material
FeNi-Alloy or Cu-Alloy
kmin
0,25
5Lead Finish
solder plating
°min
0
6Lead Form
Z-bends
°max
8
* without mold-flash
View X
LP
X
0,1
Z
e
M
0,2
D
1
28
k x 45


Similar Part No. - MDS715

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
MDS712 ZMD-MDS712 Datasheet
128Kb / 1P
Package PDIP24
MDS713 ZMD-MDS713 Datasheet
127Kb / 1P
Package PDIP28
MDS716 ZMD-MDS716 Datasheet
152Kb / 1P
Package PQFP44
MDS717 ZMD-MDS717 Datasheet
156Kb / 1P
Package PQFP80
MDS718 ZMD-MDS718 Datasheet
157Kb / 1P
Package PQFP100
More results

Similar Description - MDS715

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
Package on Package (PoP) Family
logo
Zentrum Mikroelektronik...
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
Package PDIP28
MDS746 ZMD-MDS746 Datasheet
128Kb / 1P
Package PDIP32
MDS748 ZMD-MDS748 Datasheet
154Kb / 1P
Package SOP14
MDS745 ZMD-MDS745 Datasheet
136Kb / 1P
Package SOP32
MDS753 ZMD-MDS753 Datasheet
155Kb / 1P
Package SSOP16
logo
KEC(Korea Electronics)
BAV21W KEC-BAV21W Datasheet
349Kb / 1P
USC PACKAGE
BC856W KEC-BC856W_08 Datasheet
349Kb / 1P
USM PACKAGE
KDR105 KEC-KDR105_08 Datasheet
21Kb / 1P
USM PACKAGE
logo
Exar Corporation
SP6203ER-L EXAR-SP6203ER-L Datasheet
1Mb / 14P
PACKAGE SPECIFICATIO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com