Electronic Components Datasheet Search
  English  ▼

X  

MDS757 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # MDS757
Description  Package SSOP20
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

MDS757 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  MDS757 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZMD-Standard
February 2000
Supersedes
Edition 11.99
Package SSOP20
(5,3 mm)
MDS
757
Zentrum Mikroelektronik Dresden AG
Editor: signed Schoder
Date: 16.02.2000
Doc-No.
QS-000757-HD-02
Check: signed Marx
Quality: signed Lorenz
Dimensions in millimetres
Based on JEDEC JEP95: MO-150
1Dimensions
Dimensions of Sub-Group B1
Dimensions of Sub-Group C1
Amax
1,99
Amin
1,73
bPmin
0,25
A1min
0,05
bPmax
0,38
A1max
0,21
enom
0,65
A2min
1,68
HEmin
7,65
A2max
1,78
HEmax
7,90
cmin
0,09
LPmin
0,63
cmax
0,20
Zmax
0,74
Dmin*7,07
Dmax*7,33
2Weight
 0,3 g
Emin*5,20
3 Package Body Material
Low Stress Epoxy
Emax*5,38
4Lead Material
FeNi-Alloy or Cu-Alloy
kmin
0,25
5Lead Finish
solder plating
°min
0°
6Lead Form
Z-bends
°max
10°
* without mold-flash
k x 45°
View X
Lp
Z
0,1
X
bp
e
M
0,15
D
1
20


Similar Part No. - MDS757

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MDS75 YANGJIE-MDS75 Datasheet
69Kb / 3P
Three Phase Rectifier Bridge
logo
Insel Rectifier India P...
MDS75 IRI-MDS75 Datasheet
1Mb / 3P
THREE PHASE BRIDGE MODULE
logo
Shenzhen Luguang Electr...
MDS75 LUGUANG-MDS75 Datasheet
1Mb / 1P
Single-phase/Three-phase bridge rectifier modules
logo
Yangzhou yangjie electr...
MDS75-08 YANGJIE-MDS75-08 Datasheet
69Kb / 3P
Three Phase Rectifier Bridge
logo
GeneSiC Semiconductor, ...
MDS75-08 GENESIC-MDS75-08 Datasheet
513Kb / 3P
High Surge Capability
More results

Similar Description - MDS757

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
Package on Package (PoP) Family
logo
Zentrum Mikroelektronik...
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
Package PDIP28
MDS746 ZMD-MDS746 Datasheet
128Kb / 1P
Package PDIP32
MDS748 ZMD-MDS748 Datasheet
154Kb / 1P
Package SOP14
MDS745 ZMD-MDS745 Datasheet
136Kb / 1P
Package SOP32
MDS753 ZMD-MDS753 Datasheet
155Kb / 1P
Package SSOP16
MDS767 ZMD-MDS767 Datasheet
57Kb / 1P
Package SSOP20
logo
KEC(Korea Electronics)
BAV21W KEC-BAV21W Datasheet
349Kb / 1P
USC PACKAGE
logo
Exar Corporation
SP6203ER-L EXAR-SP6203ER-L Datasheet
1Mb / 14P
PACKAGE SPECIFICATIO
logo
NXP Semiconductors
SOT266-1_118 PHILIPS-SOT266-1_118 Datasheet
227Kb / 4P
SSOP20 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 1-15 April 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com