Electronic Components Datasheet Search
  English  ▼

X  

ZADCS0842 Datasheet(PDF) 5 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS0842
Description  8-Bit, 300ksps, Serial Output ADC Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS0842 Datasheet(HTML) 5 Page - Zentrum Mikroelektronik Dresden AG

  ZADCS0842 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZADCS0842 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ZADCS0842 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZADCS0842 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZADCS0842 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZADCS0842 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS0842 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS0842 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS0842 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Datasheet
ZADCS0882/0842/0822 Family
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
5/20
1.3
Package Pin Assignment ZADCS0842 / ZADCS0842V
Table 3: Pin list
Package
pin number
Name
Direction
Type
Description
1
nCS
IN
CMOS Digital
Active Low Chip Select
2
DIN
IN
CMOS Digital
Serial Data Input
3
DGND
SUPPLY
Digital Ground
4
AGND
SUPPLY
Analog Ground
5
VREF
I/O
Analog
Reference Buffer Output / External Reference Input
6
COM
IN
Analog
Ground reference for analog inputs in single ended mode
7
CH0
IN
Analog
Analog Input Channel 0
8
CH1
IN
Analog
Analog Input Channel 1
9
CH3
IN
Analog
Analog Input Channel 3
10
CH2
IN
Analog
Analog Input Channel 2
11
REFADJ
I/O
Analog
Input to Reference Buffer Amplifier
12
VDD
SUPPLY
Positive Supply
13
nSHDN
IN
CMOS Digital
Active Low Shutdown
14
DOUT
OUT
CMOS Digital
Serial Data Output
15
SSTRB
OUT
CMOS Digital
Serial Strobe Output
16
SCLK
IN
CMOS Digital
Serial Clock Input
nCS
DIN
DGND
AGND
VREF
COM
CH0
CH1
SCLK
SSTRB
DOUT
nSHDN
VDD
REFADJ on ZADCS0842V,
No connect on ZADCS0842
CH2
CH3
Figure 2: Package Pin Assignment for ZADCS0842 & ZADCS0842V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com