Electronic Components Datasheet Search
  English  ▼

X  

ZADCS1242 Datasheet(PDF) 21 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS1242
Description  12-Bit, 200ksps, Serial Output ADC Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS1242 Datasheet(HTML) 21 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZADCS1242 Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZADCS1242 Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZADCS1242 Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZADCS1242 Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZADCS1242 Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG ZADCS1242 Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG ZADCS1242 Datasheet HTML 19Page - Zentrum Mikroelektronik Dresden AG ZADCS1242 Datasheet HTML 20Page - Zentrum Mikroelektronik Dresden AG ZADCS1242 Datasheet HTML 21Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Datasheet
ZADCS1282/1242/1222 Family
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
21/21
5 Ordering Information
Order Code
ZADCS1282VIS20T
12
8
200
-25°C to +85°C
--
ü
± 1 LSB
± 1 LSB
20
SSOP Tube
ZADCS1282IS20T
12
8
200
-25°C to +85°C
--
--
± 1 LSB
± 1 LSB
20
SSOP Tube
ZADCS1242VIS16T
12
4
200
-25°C to +85°C
--
ü
± 1 LSB
± 1 LSB
16
SSOP Tube
ZADCS1242IS16T
12
4
200
-25°C to +85°C
--
--
± 1 LSB
± 1 LSB
16
SSOP Tube
ZADCS1222VIS14T
12
2
200
-25°C to +85°C
--
ü
± 1 LSB
± 1 LSB
14
SSOP Tube
ZADCS1222IS14T
12
2
200
-25°C to +85°C
--
--
± 1 LSB
± 1 LSB
14
SSOP Tube
ZADCS1282VQS20T
12
8
200
-40°C to +125°C
üü
± 1 LSB
± 1 LSB
20
SSOP Tube
ZADCS1282QS20T
12
8
200
-40°C to +125°C
ü
--
± 1 LSB
± 1 LSB
20
SSOP Tube
ZADCS1242VQS16T
12
4
200
-40°C to +125°C
üü
± 1 LSB
± 1 LSB
16
SSOP Tube
ZADCS1242QS16T
12
4
200
-40°C to +125°C
ü
--
± 1 LSB
± 1 LSB
16
SSOP Tube
ZADCS1222VQS14T
12
2
200
-40°C to +125°C
üü
± 1 LSB
± 1 LSB
14
SSOP Tube
ZADCS1222QS14T
12
2
200
-40°C to +125°C
ü
--
± 1 LSB
± 1 LSB
14
SSOP Tube
6 ZMD Distribution Partner
ZMD ADC products as well as the ZADCS1282 Starterkit can be purchased from RUTRONIK Elektronische Bauelemente
GmbH.
RUTRONIK Elektronische Bauelemente GmbH
Industriestrasse 2
78228 Ispringen, Germany
Phone:
+49 7231 801-0
Fax:
+49 7231 82282
E-mail: rutronik@rutronik.com
Internet: www.rutronik.com
7 ZMD Contact
ZMD AG, Headquarters
Grenzstraße 28
D-01109 Dresden
Phone:
+49 351 88227 -ADC
(-232)
Fax:
+49 351 882278 -ADC
(-232)
E-mail: SARah@zmd.de
Internet: www.zmd.biz/ADC
ZMD America Inc., New York
201 Old Country Road, Suite 204
Melville, NY 11747
Phone.:
+1 631 549 2666
Fax:
+1 631 549 2882
ZMD Far East, Hsinchu City
1F, No14, Lane 268
Sec. 1 Guangfu Rd.
Hsinchu City 300, Taiwan
Phone:
+886 03 563 1388
Fax:
+886 03 563 6385
ZMD AG, Tokyo
212-0061
7-6-10-103
Hanahata, Adachi
Tokyo, Japan
Phone:
+81 3 6805 0669
Fax:
+81 2 6805 0669
For the most current revision of this document and for additional product information please visit www.zmd.biz/ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com