Electronic Components Datasheet Search
  English  ▼

X  

175FPL102KB4 Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 175FPL102KB4
Description  Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

175FPL102KB4 Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  175FPL102KB4 Datasheet HTML 1Page - Illinois Capacitor, Inc. 175FPL102KB4 Datasheet HTML 2Page - Illinois Capacitor, Inc. 175FPL102KB4 Datasheet HTML 3Page - Illinois Capacitor, Inc. 175FPL102KB4 Datasheet HTML 4Page - Illinois Capacitor, Inc. 175FPL102KB4 Datasheet HTML 5Page - Illinois Capacitor, Inc. 175FPL102KB4 Datasheet HTML 6Page - Illinois Capacitor, Inc. 175FPL102KB4 Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
191
®
FPL
STANDARD PARTS LISTING
Boxed Impregnated
Polypropylene Film
with Aluminum
Foil Electrodes
Capacitance
(µF)
WVDC
PART
NUMBER
dv/dt
(v/µs)
Typical
ESR
@100 kHz,
+25°C in m
Ω
Maximum
RMS Current
@100kHz,
70°C in Amps
Dimensions
LxHxT
(mm)
0.1
1000 104FPL102KK2## 900
5.6
11.2
32x20x11
0.1
1250 104FPL122KK2## 1000
5.6
11.2
32x20x11
0.1
1500 104FPL152KK2## 1100
5.6
11.2
32x20x11
0.1
2000 104FPL202KB1## 1300
13.2
8.4
41.5x29x17
0.15
1000 154FPL102KK2## 900
5.7
10.8
32x20x11
0.15
1250 154FPL122KK2## 1000
5.7
10.8
32x20x11
0.15
1500 154FPL152KK2## 1100
5.7
10.8
32x20x11
0.15
2000 154FPL202KB5## 1200
15.11
7
45x30x28
0.22
1000 224FPL102KB1## 900
18.2
4.2
41.5x29x17
0.22
1000 224FPL102KC1## 900
18.2
4.2
38x33x18
0.22
1000 224FPL102KK4## 900
6.8
10.4
32x24x14
0.22
1250 224FPL122KB1## 1000
18.2
4.2
41.5x29x17
0.22
1250 224FPL122KC1## 1000
18.2
4.2
38x33x18
0.22
1250 224FPL122KK4## 1000
6.8
10.4
32x24x14
0.22
1500 224FPL152KB1## 1100
18.2
4.2
41.5x29x17
0.22
1500 224FPL152KC1## 1100
18.2
4.2
38x33x18
0.22
1500 224FPL152KK4## 1100
6.8
10.4
32x24x14
0.22
2000 224FPL202KB5## 1200
19.8
4.5
45x30x28
0.27
1000 274FPL102KB1## 900
18.7
4
41.5x29x17
0.27
1000 274FPL102KC1## 900
18.7
4
38x33x18
0.27
1250 274FPL122KB1## 1000
18.7
4
41.5x29x17
0.27
1250 274FPL122KC1## 1000
18.7
4
38x33x18
0.27
1500 274FPL152KB1## 1100
18.7
4
41.5x29x17
0.27
1500 274FPL152KC1## 1100
18.7
4
38x33x18
0.27
2000 274FPL202KB5## 1200
21.7
4.3
45x30x28
0.33
1000 334FPL102KB1## 900
19.7
3.7
41.5x29x17
0.33
1000 334FPL102KC1## 900
19.7
3.7
38x33x18
0.33
1250 334FPL122KB1## 1000
19.7
3.7
41.5x29x17
0.33
1250 334FPL122KC1## 1000
19.7
3.7
38x33x18
0.33
1500 334FPL152KB1## 1100
19.7
3.7
41.5x29x17
0.33
1500 334FPL152KC1## 1100
19.7
3.7
38x33x18
0.33
2000 334FPL202KB3## 1200
22.2
4.1
45x45x30
0.39
1000 394FPL102KB1## 900
20.6
3.7
41.5x29x17
0.39
1000 394FPL102KC1## 900
20.6
3.5
38x33x18
0.39
1250 394FPL122KB1## 1000
20.6
3.7
41.5x29x17
0.39
1250 394FPL122KC1## 1000
20.6
3.5
38x33x18
0.39
1500 394FPL152KB1## 1100
20.6
3.7
41.5x29x17
0.39
1500 394FPL152KC1## 1100
20.6
3.5
38x33x18
0.39
2000 394FPL202KB3## 1200
22.5
4
45x45x30
0.47
1000 474FPL102KB5## 900
21.1
3.5
45x30x28
0.47
1250 474FPL122KB5## 1000
21.1
3.5
45x30x28
0.47
1500 474FPL152KB5## 1100
21.1
3.5
45x30x28
0.47
2000 474FPL202KB3## 1200
22.5
4
45x45x30
0.56
1000 564FPL102KB5## 800
21.3
3.5
45x30x28
0.56
1250 564FPL122KB5## 1000
21.3
3.5
45x30x28
Capacitance
(µF)
WVDC
PART
NUMBER
dv/dt
(v/µs)
Typical
ESR
@100 kHz,
+25°C in m
Ω
Maximum
RMS Current
@100kHz,
70°C in Amps
Dimensions
LxHxT
(mm)
0.56
1500 564FPL152KB5## 1000
21.3
3.5
45x30x28
0.56
2000 564FPL202KB4## 1000
22.7
3.8
54x50x30
0.68
1000 684FPL102KB5## 800
21.3
3.2
45x30x28
0.68
1250 684FPL122KB5## 900
21.3
3.2
45x30x28
0.68
1500 684FPL152KB5## 1000
21.3
3.2
45x30x28
0.68
2000 684FPL202KB4## 1000
22.8
3.7
54x50x30
0.75
1000 754FPL102KB2## 800
25.6
3
48x38x24
0.75
1000 754FPL102KB5## 800
25.6
3
45x30x28
0.75
1250 754FPL122KB2## 900
25.6
3
48x38x24
0.75
1250 754FPL122KB5## 900
25.6
3
45x30x28
0.75
1500 754FPL152KB2## 1000
25.6
3
48x38x24
0.75
1500 754FPL152KB5## 1000
25.6
3
45x30x28
0.75
2000 754FPL202KC2## 800
23.2
3.4
54x50x43
0.82
1000 824FPL102KB5## 800
26
3
45x30x28
0.82
1250 824FPL122KB5## 900
26
3
45x30x28
0.82
1500 824FPL152KB5## 1000
26
3
45x30x28
0.82
2000 824FPL202KC2## 800
23.2
3.3
54x50x43
1
1000 105FPL102KB3## 800
26
3
45x45x30
1
1000 105FPL102KB5## 900
26
3
45x30x28
1
1250 105FPL122KB3## 1000
26
3
45x45x30
1
1250 105FPL122KB5## 900
26
3
45x30x28
1
1500 105FPL152KB3## 1000
26
3
45x45x30
1
2000 105FPL202KC2## 800
23.2
3.2
54x50x43
1.2
1000 125FPL102KB3## 800
26
2.5
45x45x30
1.2
1250 125FPL122KB3## 900
26
2.5
45x45x30
1.2
1500 125FPL152KB3## 1000
26
2.5
45x45x30
1.5
1000 155FPL102KB3## 800
26
2.5
45x45x30
1.5
1250 155FPL122KB3## 900
26
2.5
45x45x30
1.5
1500 155FPL152KB3## 1000
26
2.5
45x45x30
1.75
1000 175FPL102KB4## 500
28
2.5
54x50x30
1.75
1250 175FPL122KB4## 600
28
2.5
54x50x30
1.75
1500 175FPL152KB4## 700
28
2.5
54x50x30
2
1000 205FPL102KB4## 500
28.2
2.5
54x50x30
2
1250 205FPL122KB4## 600
28.2
2.5
54x50x30
2
1500 205FPL152KB4## 700
28.2
2.5
54x50x30
2.2
1000 225FPL102KC2## 400
28.5
2.4
54x50x43
2.2
1250 225FPL122KC2## 500
28.5
2.4
54x50x43
2.2
1500 225FPL152KC2## 600
28.5
2.4
54x50x43
2.5
1000 255FPL102KC2## 400
29
2.2
54x50x43
2.5
1250 255FPL122KC2## 500
29
2.2
54x50x43
2.5
1500 255FPL152KC2## 600
29
2.2
54x50x43
3
1000 305FPL102KC2## 400
30
2
54x50x43
3
1250 305FPL122KC2## 500
30
2
54x50x43
3
1500 305FPL152KC2## 600
30
2
54x50x43



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com