Electronic Components Datasheet Search
  English  ▼

X  

VTU6391A Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # VTU6391A
Description  CW Coupled Cavity TWT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VTU6391A Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  VTU6391A Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For additional information on CPI MPP products contact:
CPI MPP, Coupled Cavity TWT Operation - 3120 Hansen Way, Palo Alto, CA 94303-0750
Phone: 650-846-3073, Fax: 650-857-1708, Email: marketing@mpp.cpii.com, www.cpii.com/mpp
The VTU-6391A CW coupled cavity TWT covers 15.5 GHz to 17.2 GHz with 1.0 kW peak output power,
100 % duty cycle, CW. This device has a Anode switched and single stage depressed collector to achieve 33 dB
gain.
Custom configurations are also available. These variations in the performance and configuration include:
mechanical configuration, electrical and RF connections, multiple stage depressed collector.
The values listed above represent specified limits for the product and are subject to change. The data should be used
for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
Typical Operating Parameters
PARAMETER
MIN
MAX
UNIT
S
Cathode Voltage
-12
-10
kV
Cathode Current
---
1.5
a
Heater Voltage
6
8
V
Heater Current
---
4
A
Collector Voltage
8
9
kV
Solenoid Voltage
---
100
V
Solenoid Current
---
25
A
RF Drive Power
---
0.5
W
Pulse Width
---
300
µsec
Duty Cycle
---
100
%
Cooling Flow Rate
2.0
---
gpm
Pressure Drop
---
3
psi
Weight
---
150
lbs
Dimensions
---
18 dia X
15 lg
inches
Features
•
15.5 GHz to 17.2 GHz
•
1.0 kW PEAK OUTPUT POWER
•
CW
•
100% DUTY CYCLE
•
ANODE SWITCHED
•
33 dB GAIN
•
SINGLE STAGE DEPRESSED COLLECTOR
•
FORCED LIQUID
•
SOLENOID FOCUSED
•
WR 62 WAVEGUIDE, INPUT AND OUTPUT


Similar Part No. - VTU6391A

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTU-5191A8 CPI-VTU-5191A8 Datasheet
86Kb / 1P
1 kW, Pulsed Helix TWT Series
VTU-5192A7A CPI-VTU-5192A7A Datasheet
87Kb / 1P
Unigrid Pulsed I-J Band Helix TWT Series
VTU-5192F1 CPI-VTU-5192F1 Datasheet
87Kb / 1P
Unigrid Pulsed I-J Band Helix TWT Series
VTU-6125C4 CPI-VTU-6125C4 Datasheet
48Kb / 1P
Ku-Band Helix TWT
VTU-6191M2 CPI-VTU-6191M2 Datasheet
83Kb / 1P
80 W, Ku-Band Helix TWT Series
More results

Similar Description - VTU6391A

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTC6660C CPI-VTC6660C Datasheet
39Kb / 1P
CW Coupled Cavity TWT
VTC6660E CPI-VTC6660E Datasheet
39Kb / 1P
CW Coupled Cavity TWT
VTS5753 CPI-VTS5753 Datasheet
102Kb / 1P
Pulsed Coupled Cavity TWT
VTS5754A CPI-VTS5754A Datasheet
120Kb / 1P
Pulsed Coupled Cavity TWT
VTS5755 CPI-VTS5755 Datasheet
82Kb / 1P
Pulsed Coupled Cavity TWT
VTU5692C CPI-VTU5692C Datasheet
53Kb / 1P
CW Coupled Cavity TWT
VTU5790A CPI-VTU5790A Datasheet
53Kb / 1P
Pulsed Coupled Cavity TWT
VTX5686C CPI-VTX5686C Datasheet
65Kb / 1P
Pulsed Coupled Cavity TWT
VTX5783G CPI-VTX5783G Datasheet
84Kb / 1P
Pulsed Coupled Cavity TWT
VTX5786B CPI-VTX5786B Datasheet
53Kb / 1P
Pulsed Coupled Cavity TWT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com