Electronic Components Datasheet Search
  English  ▼

X  

5682K Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # 5682K
Description  RF linear amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

5682K Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  5682K Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MaxiMuMRatings
typicalOpeRatiOn
classof
typeofservice
plate
plate
plate
screen
plate
Drive
Output
Operation
Voltage current
Voltage Voltage current
power
power
(Volts)
(amps)
(Volts)
(Volts)
(amps) (Watts) (kiloWatts)
aB1
RFlinearamplifier
8,000
2.0
6,000
750
1.74
200
6.275
The 5682K is a high power triode suitable for
industrial and broadcast applications as well as
other applications where a 120 kW water cooled
anode is desirable. The 5682K uses ceramic as the
vacuum envelope for ruggedness and high reli-
ability. At reduced ratings the 5682K is useful up
to 88 MHz.
5682K
Forinformationon this and other CPI products, visit our website at:www.cpii.com,
or contact: CPI MPP Division, Eimac Operation, 607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
chaRacteRistics
Plate Dissipation (Max.)
120,000 Watts
Screen Dissipation (Max.)
N/A
Grid Dissipation (Max.)
2000 Watts
Frequency for Max. rating (CW)
30 MHz
Amplification Factor
30
Filament/Cathode
Thoriated Tungsten
Voltage
16.5 Volts
Current
325 Amps
Capacitance
Grounded Cathode
Input
111 pf
Output
85 pf
Feedthrough (Max.)
3.0 pf
Capacitance
Input
pf
Output
pf
Feedthrough
pf
Cooling
Water and Forced Air
Base
Special
Air Socket
N/A
Air Chimney
N/A
Boiler
N/A
Length
23.25 in; 59.6 cm
Diameter
8.031 in; 20.4 cm
Weight
50lb; 22.68 kg


Similar Part No. - 5682K

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5682 POMONA-5682 Datasheet
15Kb / 1P
Extended Tip with .080??Pin Jack
logo
Alpha Wire
5682 ALPHAWIRE-5682 Datasheet
411Kb / 4P
26 (7/34) AWG Tinned Copper
logo
Adafruit Industries
5682 ADAFRUIT-5682 Datasheet
289Kb / 3P
Micro Connector Crimping Pliers
4-19-22
logo
Cooper Bussmann, Inc.
5682-01 COOPER-5682-01 Datasheet
83Kb / 1P
Fuse Clips with Mounting Holes
5682-02 COOPER-5682-02 Datasheet
83Kb / 1P
Fuse Clips with Mounting Holes
More results

Similar Description - 5682K

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
3CX1500D7 CPI-3CX1500D7 Datasheet
150Kb / 1P
RF linear amplifier
4CV100-000E CPI-4CV100-000E Datasheet
93Kb / 1P
RF linear amplifier
4CW10-000B CPI-4CW10-000B Datasheet
92Kb / 1P
RF linear amplifier
4CX10-000J CPI-4CX10-000J Datasheet
92Kb / 1P
RF linear amplifier
4CX350A CPI-4CX350A Datasheet
100Kb / 1P
RF linear amplifier
4CX350AC CPI-4CX350AC Datasheet
100Kb / 1P
RF linear amplifier
4CX350F CPI-4CX350F Datasheet
100Kb / 1P
RF linear amplifier
4CX350FJ CPI-4CX350FJ Datasheet
101Kb / 1P
RF linear amplifier
4CX600JB CPI-4CX600JB Datasheet
95Kb / 1P
RF linear amplifier
8930 CPI-8930 Datasheet
94Kb / 1P
RF Linear Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com