Electronic Components Datasheet Search
  English  ▼

X  

8560AS Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # 8560AS
Description  RF amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

8560AS Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  8560AS Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MaxiMuMRatings
typicalOpeRatiOn
classof
typeofservice
plate
plate
plate
screen
plate
Drive
Output
Operation
Voltage current
Voltage Voltage current
power
power
(Volts)
(amps)
(Volts)
(Volts)
(amps) (Watts) (kiloWatts)
c
RFamplifier
2,000
0.25
2,000
250
0.25
2.9
0.390
c
RFamplifierplatemodulated
1,500
0.20
1,500
250
0.20
1.7
0.235
aB1
RFlinearamplifier
2,000
0.25
2,000
350
0.25
---
0.300
aB1
RFamplifierormodulator
2,000
0.25
2,000
350
0.50
---
0.600
The 8560AS is intended for use as an RF amplifier
or oscillator or in audio amplifier or modulation
service. It has electrical characteristics simi-
lar but not identical to the 4CX250B/7203. The
8560AS is designed for conduction cooling and is
nominally rated for 200 watts anode dissipation.
8560as
Forinformationon this and other CPI products, visit our website at:www.cpii.com,
or contact: CPI MPP Division, Eimac Operation, 607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
chaRacteRistics
Plate Dissipation (Max.)
200 Watts
Screen Dissipation (Max.)
12 Watts
Grid Dissipation (Max.)
2 Watts
Frequency for Max. rating (CW)
500 MHz
Amplification Factor
5
Filament/Cathode
Oxide Coated
Voltage
6.3 Volts
Current
2.6 Amps
Capacitance
Grounded Cathode
Input
16.5 pf
Output
4.6 pf
Feedthrough
.04 pf
Capacitance
---
Input
--- pf
Output
--- pf
Feedthrough
--- pf
Cooling
Conduction
Base
9 Pin Special
Air Socket
n/a
Air Chimney
---
Boiler
---
Length
2.45 in; 62.1 mm
Diameter
1.63 in; 41.4 mm
Weight
8.2 oz; 235 gm


Similar Part No. - 8560AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8560 ETC2-8560 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
PHOENIX CONTACT
8560 PHOENIX-8560 Datasheet
324Kb / 23P
AXL E S3 DI8 DO8 M12 6P
logo
3M Electronics
8560 3M-8560 Datasheet
330Kb / 2P
3M™ Polyurethane Protective Tape 8560
Jun-2018
logo
Keystone Electronics Co...
8560 KEYSTONE-8560 Datasheet
316Kb / 1P
INSTRUMENTATION CASES & KNOBS
31-07 20th
logo
3M Electronics
8560-4500JL 3M-8560-4500JL Datasheet
34Kb / 2P
.100,  .100, Polarized Boardmount Socket
19-Feb-1999
More results

Similar Description - 8560AS

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1005 SPECTRUM-BXMP1005 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
RF AMPLIFIER
BXMP1019 SPECTRUM-BXMP1019 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1031 SPECTRUM-BXMP1031 Datasheet
65Kb / 1P
RF AMPLIFIER
BXMP1035 SPECTRUM-BXMP1035 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8020 SPECTRUM-CZ8020 Datasheet
40Kb / 1P
RF AMPLIFIER
CZ8110 SPECTRUM-CZ8110 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8120 SPECTRUM-CZ8120 Datasheet
43Kb / 1P
RF AMPLIFIER
CZ8203 SPECTRUM-CZ8203 Datasheet
62Kb / 1P
RF AMPLIFIER
CZ8310 SPECTRUM-CZ8310 Datasheet
46Kb / 1P
RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com