Electronic Components Datasheet Search
  English  ▼

X  

8930 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # 8930
Description  RF Linear Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

8930 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  8930 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MaxiMuM Ratings
typical OpeRatiOn
class of
type of service
plate
plate
plate
screen
plate
Drive
Output
Operation
Voltage
current
Voltage
Voltage
current
power
power
(Volts)
(amps)
(Volts)
(Volts)
(amps)
(Watts) (kiloWatts)
aB1
RF linear amplifier
2,400
0.25
2,000
350
0.29
---
0.350
aB1
RF linear amplifier aM service
2,000
0.25
2,000
400
0.17
4
0.65
aB1
aF amplifier or Modulator
2,000
0.25
2,000
350
0.50
---
0.595
The 8930 is electrically identical to the
4CX250R/7580W but the larger anode radiator as-
sembly allows higher dissipation with low air flow
and pressure drop characteristics. The tube has
rugged internal construction features for reliable
operation under heavy shock or vibration condi-
tions.
8930
For information on this and other CPI MPP products, visit our website at: www.cpii.com,
or contact: CPI Microwave Products Division, Eimac Operation,607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
chaRacteRistics
Plate Dissipation (Max.)
350 Watts
Screen Dissipation (Max.)
12 Watts
Grid Dissipation (Max.)
2 Watts
Frequency for Max. rating (CW)
500 MHz
Amplification Factor
5
Filament/Cathode
Oxide Coataed
Voltage
6.0 Volts
Current
2.6 Amps
Capacitance
Grounded Cathode
Input
17.5 pf
Output
4.9 pf
Feedthrough
.03 pf
Capacitance
N/A
Input
N/A
Output
N/A
Feedthrough
N/A
Cooling
Forced Air
Base
9-Pin Special
Air Socket
SK-600A
Air Chimney
SK-646
Boiler
N/A
Length
2.46 in; 62.60 mm
Diameter
2.08 in; 52.80 mm
Weight
5.5 oz; 156 gm


Similar Part No. - 8930

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8930 ETC2-8930 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8930 ETC2-8930 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8930 ETC2-8930 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
Keystone Electronics Co...
8930 KEYSTONE-8930 Datasheet
315Kb / 1P
LED SPACER MOUNTS
31-07 20th
logo
Mascot AS
8930 MASCOT-8930 Datasheet
1Mb / 1P
Mounting brackets
20062008
More results

Similar Description - 8930

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
3CX1500D7 CPI-3CX1500D7 Datasheet
150Kb / 1P
RF linear amplifier
4CV100-000E CPI-4CV100-000E Datasheet
93Kb / 1P
RF linear amplifier
4CW10-000B CPI-4CW10-000B Datasheet
92Kb / 1P
RF linear amplifier
4CX10-000J CPI-4CX10-000J Datasheet
92Kb / 1P
RF linear amplifier
4CX350A CPI-4CX350A Datasheet
100Kb / 1P
RF linear amplifier
4CX350AC CPI-4CX350AC Datasheet
100Kb / 1P
RF linear amplifier
4CX350F CPI-4CX350F Datasheet
100Kb / 1P
RF linear amplifier
4CX350FJ CPI-4CX350FJ Datasheet
101Kb / 1P
RF linear amplifier
4CX600JB CPI-4CX600JB Datasheet
95Kb / 1P
RF linear amplifier
4CX1500B CPI-4CX1500B Datasheet
92Kb / 1P
RF linear amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com