Electronic Components Datasheet Search
  English  ▼

X  

8974 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # 8974
Description  RF Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

8974 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  8974 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MaxiMuM Ratings
typical OpeRatiOn
class of
type of service
plate
plate
plate
screen
plate
Drive
Output
Operation
Voltage
current
Voltage
Voltage
current
power
power
(Volts)
(amps)
(Volts)
(Volts)
(amps)
(Watts) (kiloWatts)
c
RF amplifier
22,500
125
21,500
1,000
125
7,000
2,158.0
c
RF amplifier plate Modulated
17,500
100
17,500
1,000
95.0
6,465
1,384.0
aB1
RF linear amplifier
22,500
125
20,000
1,500
86.5
---
1,225.0
aB1
aF amplifier or Modulator
22,500
125
17,500
1,500
146
---
2,015.0
The 8974 is a power tetrode designed for very high
powered frequency or high frequency broadcast
service and very low frequency communication in
the megawatt power range. The 8974 has a two
section thoriated tungsten filament mounted on
water-cooled supports. The two sections may
be fed in quadrature to reduce hum contributed
by an arc ac power source. The maximum anode
dissipation rating is 1500 kW steady state. Large
diameter coaxial terminals are used for the control
grid and the RF filament terminals. Filament power
and filament support cooling water connections
are made through three special couplings with
threaded clamping rings.
8974 / x-2159
For information on this and other CPI MPP products, visit our website at: www.cpii.com,
or contact: CPI Microwave Products Division, Eimac Operation,607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
chaRacteRistics
Plate Dissipation (Max.)
1,500 Kilowatts
Screen Dissipation (Max.)
15.0 Kilowatts
Grid Dissipation (Max.)
4.0 Kilowatts
Frequency for Max. rating (CW)
30 MHz
Amplification Factor
4.5
Filament/Cathode
Thoriated Tungsten
Voltage
16.3 Volts
Current
600 Amps
Capacitance
Grounded Cathode
Input
1600 pf
Output
250 pf
Feedthrough
6.0 pf
Capacitance
Grounded Grid
Input
675 pf
Output
260 pf
Feedthrough
1.0 pf
Cooling
Water and Forced Air
Base
Special Coaxial
Air Socket
N/A
Air Chimney
N/A
Boiler
N/A
Length
23.75 in; 60.30 cm
Diameter
17.03 in; 43.30 cm
Weight
175.0 lb; 80.0 kg


Similar Part No. - 8974

ManufacturerPart #DatasheetDescription
logo
Altech corporation
8974.2 ALTECH-8974.2 Datasheet
85Kb / 2P
INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
8974.3 ALTECH-8974.3 Datasheet
85Kb / 2P
INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
logo
Belden Inc.
89740 BELDEN-89740 Datasheet
144Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
89740-002100 BELDEN-89740-002100 Datasheet
144Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
89740-0021000 BELDEN-89740-0021000 Datasheet
144Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
More results

Similar Description - 8974

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1005 SPECTRUM-BXMP1005 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
RF AMPLIFIER
BXMP1019 SPECTRUM-BXMP1019 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1031 SPECTRUM-BXMP1031 Datasheet
65Kb / 1P
RF AMPLIFIER
BXMP1035 SPECTRUM-BXMP1035 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8020 SPECTRUM-CZ8020 Datasheet
40Kb / 1P
RF AMPLIFIER
CZ8110 SPECTRUM-CZ8110 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8120 SPECTRUM-CZ8120 Datasheet
43Kb / 1P
RF AMPLIFIER
CZ8203 SPECTRUM-CZ8203 Datasheet
62Kb / 1P
RF AMPLIFIER
CZ8310 SPECTRUM-CZ8310 Datasheet
46Kb / 1P
RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com