Electronic Components Datasheet Search
  English  ▼

X  

T03DO Datasheet(PDF) 2 Page - Communications & Power Industries, Inc.

Part # T03DO
Description  270W Outdoor TWT Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

T03DO Datasheet(HTML) 2 Page - Communications & Power Industries, Inc.

  T03DO Datasheet HTML 1Page - Communications & Power Industries, Inc. T03DO Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical (continued)
Group Delay
0.01 ns/MHz linear max.
(in any 80 MHz band)
0.001 ns/MHz2 parabolic max.
0.5 ns pk-pk ripple max.
Primary Power
90-264 VAC, single phase;
47-63 Hz
Power Consumption
1.25 kW, typ.
1.5 kW, max.
Power Factor
0.95 min.
Environmental (Operating)
Ambient Temperature
-40°C to +55°C operating
(including solar loading) -40°C to +75°C non-operating
Relative Humidity
100% condensing
Altitude
10,000 ft. with standard adiabatic
derating of 2°C/1000 ft., operating;
50,000 ft., non-operating
Shock and Vibration
20 g pk, 11 msec, 1/2 sine
Acoustic Noise
65 dBA @ 3 ft. from amplifier
Mechanical
Cooling
Forced air with integral blower
RF Input Connection
Type SMA female
RF Output Connection
WR 62 waveguide flange,
grooved with UNC 2B 6-32
threaded holes
RF Output Monitor
Type SMA female
Dimensions (W x H x D)
10.25 x 10.5 x 20.5 in.
(260 x 267 x 521 mm)
Weight
54 lbs (24.6 kg) max.,
with no options
OPTIONS:
• Remote Control Panel
• Redundant and Power
Combined Subsystems
• External Receive Band
Reject Filter
• SSIPA with Variable
Attenuator (provides
RF Level Adjust Range of
0 to 30 dB)
• Integral Linearizer (requires
SSIPA option)
• Integrated 1:1 switch
control and drive
• L-Band Block Up Converter
(requires SSIPA option)
• Ethernet Interface
DBS-Band
For more detailed information, please refer to the corresponding CPI Technical Description.
Note: Specifications may change without notice as a result of additional data or product refinement.
Please contact CPI before using this information for system design.
MKT 156, ISSUE 9
05/08
PDF
Certificate Number: 30515
SPECIFICATIONS, T03DO
Electrical
Frequency
17.3 to 18.4 GHz
Output Power
TWT
270 W min. (54.31 dBm)
Flange
235 W min. (53.71 dBm)
Bandwidth
1100 MHz
Gain
42 dB min. at rated power output
(70 dB with SSIPA);
47 dB min. at small signal
(75 dB with SSIPA)
Gain Stability
±0.25 dB/24hr max.
(at constant drive and temp.)
Small Signal Gain Slope
±0.04 dB/MHz max.
Small Signal Gain Variation
1.0 dB pk-pk across any 80 MHz band;
3.0 dB pk-pk across the 1100 MHz band
RF Level Adjust Range
30 dB typ.
Input VSWR
1.3:1 max.
Output VSWR
1.3:1 max.
Load VSWR
2.0 max. continuous operation; any value for
operation without damage
Residual AM
-50 dBc below 10 kHz
-20 [1.5 +log F(kHz)] dBc,
10 kHz to 500 kHz
-85 dBc above 500 kHz
Phase Noise
12 dB below IESS-308 continuous mask
AC Fundamentals Related
-50 dBc
Sum of Spurs
-47 dBc (370 Hz to 1 MHz)
AM/PM Conversion
2.5°/dB max. for a single carrier up to
7 dB below rated power (2.5°/dB max. at
4 dB below rated with linearizer)
Harmonic Output
-60 dBc at rated power
Noise and Spurious
<-150 dBW/4 kHz below 12.75 GHz
(at rated gain)
<-70 dBW/4 kHz from 17.3 to 18.4 GHz
<-65 dBW/4 kHz from 17.3 to 18.4 GHz
(with optional linearizer)
<-105 dBW/4 kHz from 18.9 to 26.0 GHz
<-125 dBW/4 kHz from 26.0 to 40.0 GHz
Noise Figure
35 dB max., 10 dB with SSIPA
Intermodulation
-24 dBc max. with two equal carriers
at total output power 7 dB (4 dB with
optional integral linearizer) below rated
single-carrier output
Mounting hardware is provided with each amplifier.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com