Electronic Components Datasheet Search
  English  ▼

X  

LP22 Datasheet(PDF) 1 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

Part # LP22
Description  LP CORES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUXIANG [YUXIANG Magnetc materials Ind. Co., Ltd.]
Direct Link  http://www.magnet-tech.com
Logo YUXIANG - YUXIANG Magnetc materials Ind. Co., Ltd.

LP22 Datasheet(HTML) 1 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

  LP22 Datasheet HTML 1Page - YUXIANG Magnetc materials Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LP cores,ST core,SQ core,New planar cores,EQ cores,EQ13 core,converter cores,
China Professional Ferrite Core Supplier
print version
LP CORES
Introduce of LP cores
LP core, EQ cores, EQ13 core, is all E-E core shapes with large wide windows, and is New planar cores. The
shape of the core is not a significant consideration for continuous mode operation due to low AC losses. For
discontinuous mode operation, the winding area window is chosen as wide as possible to minimize AC winding
losses. A table of suitable LP cores types for various power levels like ST core, SQ core, EQ13 core, LP kern,
LP22, LP23, LP32, EPX cores, EOP core, EIR core, are given for applications with the converter cores, controller
(frequency range 100kHz to 500kHz).
Application of LP cores
LP cores are widely application in Driver transformer, Wideband transformer, Transformatoren kern, DC
converter core.
Type
Dimensions(mm)
A
B
ΦC
2D
E
2H
I
LP22/13
25.00±0.4
19.0±0.3
8.6±0.2
22.4±0.2
12.9±0.3
16.4±0.3
13.5±0.5
LP23/8
16.5±0.3
12.5±0.3
5.7±0.2
23.4±0.2
8.7±0.2
17.4±0.2
9.0±0.5
LP32/13
25.0±0.4
19.0±0.3
8.6±0.2
31.8±0.2
12.9±0.3
24.1±0.3
13.5±0.5
Type
Core parameter
weight (g/pr. )
Al(nH/N2)±25%
C1 (mm-1)
Ae (mm2)
Ie (mm)
Ve (mm3)
F2BD
F2B1
LP22/13
0.72
67.9
49.0
3327
21
3500
3000
LP23/8
1.41
31.3
44.1
1380
9.6
1600
1600
LP32/13
0.91
70.3
64
4499
30
2750
2630
Copyright 2005 YUXIANG Magnetic Materials Ind. Co.,Ltd.All Rights Reserved.
Add:16F1,jinyuan building,NO.57,hubin S.Rd.,Xiamen,China.361004
Tel : (86)592 2225286 (86)592 2219816 (86)592 2217138 Fax: (86)592 2207122
Email : yingli@magnets.com.cn yuxiang@sohu.net


Similar Part No. - LP22

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP2201 POWER-LP2201 Datasheet
400Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2201-18/28B6F POWER-LP2201-18/28B6F Datasheet
400Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2201-18/33B6F POWER-LP2201-18/33B6F Datasheet
400Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2201-25/28B6F POWER-LP2201-25/28B6F Datasheet
400Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2201-28/12B6F POWER-LP2201-28/12B6F Datasheet
400Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
More results

Similar Description - LP22

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM6164K600V EOREX-EM6164K600V Datasheet
239Kb / 12P
64Kx16 LP SRAM
EM6156K600V EOREX-EM6156K600V Datasheet
239Kb / 12P
256Kx16 LP SRAM
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
32Kx8 LP SRAM
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
128Kx8 LP SRAM
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
512Kx8 LP SRAM
logo
YUXIANG Magnetc materia...
EER25 YUXIANG-EER25 Datasheet
105Kb / 2P
EER CORES. ETD CORES
logo
Meder Electronic
LP05-1A31-80U MEDER-LP05-1A31-80U Datasheet
182Kb / 2P
LP Reed Relay
LP05-1A66-81W MEDER-LP05-1A66-81W Datasheet
111Kb / 2P
LP Reed Relay
logo
FCI connector
75869-102LF FCI-CONNECTOR-75869-102LF Datasheet
201Kb / 3P
SHR LP HEADER
logo
Integrated Circuit Syst...
9DMV0431 ICST-9DMV0431 Datasheet
206Kb / 12P
LP-HCSL outputs
REVISION B 01/26/15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com