Electronic Components Datasheet Search
  English  ▼

X  

AC-082ASAL Datasheet(PDF) 4 Page - ZETTLER Electronics

Part # AC-082ASAL
Description  SPECIFICATIONS FOR LCD MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AC-082ASAL Datasheet(HTML) 4 Page - ZETTLER Electronics

  AC-082ASAL Datasheet HTML 1Page - ZETTLER Electronics AC-082ASAL Datasheet HTML 2Page - ZETTLER Electronics AC-082ASAL Datasheet HTML 3Page - ZETTLER Electronics AC-082ASAL Datasheet HTML 4Page - ZETTLER Electronics AC-082ASAL Datasheet HTML 5Page - ZETTLER Electronics AC-082ASAL Datasheet HTML 6Page - ZETTLER Electronics AC-082ASAL Datasheet HTML 7Page - ZETTLER Electronics AC-082ASAL Datasheet HTML 8Page - ZETTLER Electronics AC-082ASAL Datasheet HTML 9Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
3
MECHANICAL DATA
Parameter
Stand Value
Unit
Dot size
0.545(W)
× 0.645(H)
mm
Dot pitch
0.60(W)
× 0.70(H)
mm
Character size
2.945(W)
× 5.545(H)
mm
Viewing area
35.0(W)
× 15.0(H)
mm
Module size
58.0(W)
× 32.0(H) × 10.0 max (T)
mm
Module size
(w/ LED back-light)
58.0(W)
× 32.0(H) × 13.8 max (T)
mm
4
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Logic Circuit Supply Voltage
VDD-VSS
-0.3
7.0
V
LCD Driving Voltage
VDD-VO
-0.3
10.0
V
Input Voltage
VI
-0.3
VDD+0.3
V
Operating Temp.
TOP
0
50
°C
Normal temp. type
Storage Temp.
TSTG
-20
70
°C
Operating Temp.
TOP
-20
70
°C
Extended temp. type
Storage Temp.
TSTG
-30
80
°C
Date : 2001/12/11
AMPIRE CO., LTD.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com