Electronic Components Datasheet Search
  English  ▼

X  

SN54ALS652 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS652
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS652 Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN54ALS652 Datasheet HTML 14Page - Texas Instruments SN54ALS652 Datasheet HTML 15Page - Texas Instruments SN54ALS652 Datasheet HTML 16Page - Texas Instruments SN54ALS652 Datasheet HTML 17Page - Texas Instruments SN54ALS652 Datasheet HTML 18Page - Texas Instruments SN54ALS652 Datasheet HTML 19Page - Texas Instruments SN54ALS652 Datasheet HTML 20Page - Texas Instruments SN54ALS652 Datasheet HTML 21Page - Texas Instruments SN54ALS652 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
SN54ALS652, SN54ALS653, SN54AS651, SN54AS652
SN74ALS651A, SN74ALS652A, SN74ALS653, SN74ALS654, SN74AS651, SN74AS652
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SDAS066F – DECEMBER 1983 – REVISED OCTOBER 1996
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V TO 5.5 V,
CL = 50 PF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN TO MAX†
UNIT
SN54AS652
SN74AS652
MIN
MAX
TYP
MAX
fmax*
75
90
MHz
tPLH
CLKBA or CLKAB
AorB
2
11
2
8.5
ns
tPHL
CLKBA or CLKAB
A or B
2
10
2
9
ns
tPLH
AorB
BorA
2
12
2
9
ns
tPHL
A or B
B or A
1
8
1
7
ns
tPLH
SBA or SAB‡
AorB
2
15
2
11
ns
tPHL
SBA or SAB‡
A or B
2
11
2
9
ns
tPZH
OEBA
A
2
11
2
10
ns
tPZL
OEBA
A
3
18
3
16
ns
tPHZ
OEBA
A
2
10
2
9
ns
tPLZ
OEBA
A
2
10
2
9
ns
tPZH
OEAB
B
3
12
3
11
ns
tPZL
OEAB
B
3
20
3
16
ns
tPHZ
OEAB
B
2
11
2
10
ns
tPLZ
OEAB
B
2
12
2
11
ns
* On products compliant to MIL-PRF-38535, this parameter is based on characterized data but is not production tested.
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ These parameters are measured with the internal output state of the storage register opposite that of the bus input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com