Electronic Components Datasheet Search
  English  ▼

X  

ACM1602S Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # ACM1602S
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

ACM1602S Datasheet(HTML) 2 Page - ZETTLER Electronics

  ACM1602S Datasheet HTML 1Page - ZETTLER Electronics ACM1602S Datasheet HTML 2Page - ZETTLER Electronics ACM1602S Datasheet HTML 3Page - ZETTLER Electronics ACM1602S Datasheet HTML 4Page - ZETTLER Electronics ACM1602S Datasheet HTML 5Page - ZETTLER Electronics ACM1602S Datasheet HTML 6Page - ZETTLER Electronics ACM1602S Datasheet HTML 7Page - ZETTLER Electronics ACM1602S Datasheet HTML 8Page - ZETTLER Electronics ACM1602S Datasheet HTML 9Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACM1602S SERIES CHARACTER MODULE
VER1.0
DISPLAYTRONIC
A DIVISION OF ZE XIAMEN
1
1.0 MECHANICAL SPECS
1.
Overall Module Size
122.0mm(W) x 44.0mm(H) x max 13.5mm(D) for LED
backlight version
122.0mm(W) x 44.0mm(H) x max 9.5mm(D) for reflective
version
2.
Dot Size
1.05mm(W) x 1.20mm(H)
3.
Dot Pitch
1.10mm(W) x 1.25mm(H)
4.
Duty
1/16
5.
Controller IC
KS0066
6.
LC Fluid Options
TN, STN
7.
Polarizer Options
Reflective, Transflective, Transmissive
8.
Backlight Options
LED
9.
Temperature Range Options
Standard (0ºC ~ 50ºC), Wide (-20ºC ~ 70ºC)
2.0 ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Min
Typ
Max
Unit
Operating temperature (Standard)
Top
0
-
50
ºC
Storage temperature (Standard)
Tst
-10
-
60
ºC
Operating temperature (Wide temperature)
Top
-20
-
70
ºC
Storage temperature (Wide temperature)
Tst
-30
-
80
ºC
Input voltage
Vin
Vss
Vdd
V
Supply voltage for logic
Vdd- Vss
2.7
-
5.5
V
Supply voltage for LCD drive
Vdd- Vo
3.0
4.6
6.5
V
3.0 ELECTRICAL CHARACTERISTICS
Item
Symbol
Condition
Min
Typ
Max
Unit
Input voltage (high)
Vih
H level
2.2
-
Vdd
V
Input voltage (low)
Vil
L level
0
-
0.6
V
0ºC
-
4.8
5.4
25ºC
4.2
4.6
-
Recommended LC Driving
Voltage (Standard Temp)
Vdd - Vo
50ºC
3.9
4.3
-
V
-20ºC
-
6.4
7.2
0ºC
-
4.8
-
50ºC
-
4.3
-
Recommended LC Driving
Voltage (Wide Temp)
Vdd -Vo
70ºC
3.6
4.1
-
V
Power Supply Current
Idd
Vdd=5.0V,
fosc=270kHz
-
0.8
1.8
mA
LED Power Supply Voltage
Vfled
R=6.8
Ω
-
4.2
4.4
V
LED Power Supply Current
Ifled
R=6.8
Ω
-
120
480
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com