Electronic Components Datasheet Search
  English  ▼

X  

SM363FX Datasheet(PDF) 21 Page - Cooper Bussmann, Inc.

Part # SM363FX
Description  Safety Module fused disconnect switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SM363FX Datasheet(HTML) 21 Page - Cooper Bussmann, Inc.

Back Button SM363FX Datasheet HTML 17Page - Cooper Bussmann, Inc. SM363FX Datasheet HTML 18Page - Cooper Bussmann, Inc. SM363FX Datasheet HTML 19Page - Cooper Bussmann, Inc. SM363FX Datasheet HTML 20Page - Cooper Bussmann, Inc. SM363FX Datasheet HTML 21Page - Cooper Bussmann, Inc. SM363FX Datasheet HTML 22Page - Cooper Bussmann, Inc. SM363FX Datasheet HTML 23Page - Cooper Bussmann, Inc. SM363FX Datasheet HTML 24Page - Cooper Bussmann, Inc. SM363FX Datasheet HTML 25Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
327
Disconnects
Handle - Selector 16-100A 3-Pole
For a complete assembly, please select one of each:
• 1 switch
• 1 shaft
• 1 handle
CDNF16
CDNF25
CDNF32
CDH15S
UL General
Maximum Horsepower Rating
Catalog
Purpose
IEC AC21
Single Phase
Three Phase
Terminal Lugs
Numbers
Amp Rating Amp Rating 120V
240V
240V
480V
600V
Wire Size/Type
CDNF16
16
16
1
⁄2
1.5
5
10
10
#18-8/CU
CDNF25
25
25
3
⁄4
2
7.5
15
20
#18-8/CU
CDNF32
40
40
1
3
10
20
25
#18-8/CU
CDNF45
60
63
2
5
15
30
30
#14-4/CU
CDNF63
80
80
2
5
20
40
40
#14-4/CU
CDNF30
30
40
2
5
10
20
30
#14-4/CU
CDNF60
60
63
3
7.5
20
40
40
#14-4/CU
CDNF100
100
115
5
15
30
50
50
#8-1/0/CU
(1) A snap-on fourth pole may be added.
All marked both O/I & Off/On
Catalog Numbers
NEMA Type
IEC Type
Color
Defeatable
Padlockable
CDH1S(3)
1
IP54
Black
—
—
CDH2S(3)
1
IP54
Red/Yellow
—
—
CDH15S(3)
1
IP54
Black
—
Yes
CDH16S(3)
1
IP54
Red/Yellow
—
Yes
CDH3S
1,3R,12
IP65
Black
—
Yes
CDH4S
1,3R,12
IP65
Red/Yellow
—
Yes
CDH5S
1,3R,12
IP65
Black
Yes
Yes
CDH6S
1,3R,12
IP65
Red/Yellow
Yes
Yes
(3) Not suitable for use with CDNF30, 60, 100.
Mounting Depth(2) in inches
CDNF16
CDNF30
CDNF25
CDNF45
CDNF60
CDNF32
CDNF63
CDNF100
CDH1S
CDH3S
CDH1S
CDH3S
CDH3S
Shaft
CDH2S
CDH4S
CDH2S
CDH4S
CDH4S
Catalog
Length
CDH15S
CDH5S
CDH15S
CDH5S
CDH5S
Numbers
in (mm)
CDH16S
CDH6S
CDH16S
CDH6S
CDH6S
CDS85S
3.3 (85)
4.2-5.0
3.6-4.3
4.9-5.6
4.4-5.0
3.9-4.9
CDS105S
4.1 (105)
5.0-5.8
4.4-5.1
5.7-6.4
5.1-5.8
4.7-5.7
CDS120S
4.7 (120)
5.6-6.4
5.0-5.8
6.3-7.0
5.7-6.4
5.3-6.3
CDS130S
5.1 (130)
6.0-6.7
5.4-6.1
6.7-7.4
6.1-6.8
5.6-6.7
CDS180S
7.1 (180)
7.1-8.7
7.4-8.1
8.6-9.4
8.1-8.7
7.6-8.6
CDS250S
9.8 (250)
10.7-11.5
10.1-10.8
11.4-12.1
10.9-11.5
10.4-11.4
CDS330S
13 (330)
13.8-14.6
13.3-14.0
14.6-15.3
14.0-14.7
13.5-14.5
(2) Mounting depth is the distance from the outside of door to the disconnect switch mounting plate. Shaft can be cut to desired length.
Mounts directly to switch; no shaft necessary
Catalog Numbers NEMA Type
Color
For Use On:
Length (inches) Padlockable
OPMRH
1
Red
CDNF16, 25, 32
1.0
—
CDBY68306(3)
1
Red
CDNF30, 45, 60, 63,100
1.4
—
CDBY68419/1(3)
1
Red
CDNF30, 45, 60, 63,100
1.6
Yes(5)
CDMC1
Metal collar
—
CDNF16 – CDNF100
—
—
CDSWM5X8
Set screw
—
CDNF16, 25, 30, 32, 45, 60, 63, 100
—
—
(4) 0.1875" (3/16") diameter shackle required.
(5) Set screw CDSWM5X8 needed with replacement knobs CDBY__.
16—100A/600V 3 Pole(1) Switches
Shafts — For use with CDH selector handles
0.20 x 0.20" (
5 x 5 mm)
Handle - Selector — For use with shafts
0.20 x 0.20" (
5 x 5 mm)
Knob - Replacement
16-100A Base & DIN rail mount compact series
non-fusible disconnect switches
CDS_ S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com