Electronic Components Datasheet Search
  English  ▼

X  

ACM2004F Datasheet(PDF) 7 Page - ZETTLER Electronics

Part # ACM2004F
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

ACM2004F Datasheet(HTML) 7 Page - ZETTLER Electronics

Back Button ACM2004F Datasheet HTML 3Page - ZETTLER Electronics ACM2004F Datasheet HTML 4Page - ZETTLER Electronics ACM2004F Datasheet HTML 5Page - ZETTLER Electronics ACM2004F Datasheet HTML 6Page - ZETTLER Electronics ACM2004F Datasheet HTML 7Page - ZETTLER Electronics ACM2004F Datasheet HTML 8Page - ZETTLER Electronics ACM2004F Datasheet HTML 9Page - ZETTLER Electronics ACM2004F Datasheet HTML 10Page - ZETTLER Electronics ACM2004F Datasheet HTML 11Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ACM2004F SERIES CHARACTER MODULE VER1.1
DISPLAYTRONIC XIAMEN ZETTLER ELECTRONICS CO., LTD.
6
6.0 PIN ASSIGNMENT
7.0 POWER SUPPLY
Pin No.
Symbol
Function
1
Vss
Ground
2
Vdd
+5V
3
Vo
LCD contrast adjust
4
RS
Register select
5
R/W
Read / write
6
E
Enable
7
DB0
Data bit 0
8
DB1
Data bit 1
9
DB2
Data bit 2
10
DB3
Data bit 3
11
DB4
Data bit 4
12
DB5
Data bit 5
13
DB6
Data bit 6
14
DB7
Data bit 7
+
BL+
Power Supply for BL+
-
BL-
Power Supply for BL-
8.0 TIMING CHARACTERISTICS
Vss
Vo
Vdd
Vr
+5V
STANDARD TEMP RANGE
Vss
Vo
Vdd
Vr
+5V
WIDE TEMP RANGE
-5V
Vr = 10K
Ω ~ 20KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com