Electronic Components Datasheet Search
  English  ▼

X  

74ALS573 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ALS573
Description  OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ALS573 Datasheet(HTML) 1 Page - Texas Instruments

  74ALS573 Datasheet HTML 1Page - Texas Instruments 74ALS573 Datasheet HTML 2Page - Texas Instruments 74ALS573 Datasheet HTML 3Page - Texas Instruments 74ALS573 Datasheet HTML 4Page - Texas Instruments 74ALS573 Datasheet HTML 5Page - Texas Instruments 74ALS573 Datasheet HTML 6Page - Texas Instruments 74ALS573 Datasheet HTML 7Page - Texas Instruments 74ALS573 Datasheet HTML 8Page - Texas Instruments 74ALS573 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN54ALS573C, SN54AS573A, SN74ALS573C, SN74AS573A
OCTAL D-TYPE TRANSPARENT LATCHES
WITH 3-STATE OUTPUTS
SDAS048D – DECEMBER 1989 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• 3-State Buffer-Type Outputs Drive Bus
Lines Directly
• Bus-Structured Pinout
• True Logic Outputs
• Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), Standard Plastic (N) and
Ceramic (J) 300-mil DIPs, and Ceramic Flat
(W) Packages
description
These octal D-type transparent latches feature
3-state outputs designed specifically for driving
highly capacitive or relatively low-impedance
loads.
They
are
particularly
suitable
for
implementing
buffer
registers,
I/O
ports,
bidirectional bus drivers, and working registers.
While the latch-enable (LE) input is high, outputs
(Q) respond to the data (D) inputs. When LE is low,
the outputs are latched to retain the data that was
set up.
A buffered output-enable (OE) input can be used
to place the eight outputs in either a normal logic
state (high or low) or a high-impedance state. In
the high-impedance state, the outputs neither load
nor
drive
the
bus
lines
significantly.
The
high-impedance state and the increased drive
provide the capability to drive bus lines without
interface or pullup components.
OE does not affect internal operation of the
latches. Old data can be retained or new data can
be entered while the outputs are in the
high-impedance state.
The SN54ALS573C and SN54AS573A are characterized for operation over the full military temperature range
of – 55
°C to 125°C. The SN74ALS573C and SN74AS573A are characterized for operation from 0°C to 70°C.
FUNCTION TABLE
(each latch)
INPUTS
OUTPUT
OE
LE
D
Q
L
H
H
H
L
HL
L
L
LX
Q0
H
X
X
Z
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1D
2D
3D
4D
5D
6D
7D
8D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
LE
SN54ALS573C, SN54AS573A ...J OR W PACKAGE
SN74ALS573C, SN74AS573A . . . DW OR N PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2Q
3Q
4Q
5Q
6Q
3D
4D
5D
6D
7D
SN54ALS573C, SN54AS573A . . . FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - 74ALS573

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALS573 TI1-74ALS573 Datasheet
1Mb / 21P
OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALS573B PHILIPS-74ALS573B Datasheet
143Kb / 13P
Latch flip-flop
1991 Feb 08
74ALS573B PHILIPS-74ALS573B Datasheet
143Kb / 13P
Latch flip-flop
1991 Feb 08
74ALS573BD PHILIPS-74ALS573BD Datasheet
143Kb / 13P
Latch flip-flop
1991 Feb 08
74ALS573BD PHILIPS-74ALS573BD Datasheet
143Kb / 13P
Latch flip-flop
1991 Feb 08
More results

Similar Description - 74ALS573

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
Octal D-type Transparent Latches with 3-state Outputs
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN74HC373AN TI-SN74HC373AN Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74HC373DWRG4 TI-SN74HC373DWRG4 Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC373 UTC-U74AHC373 Datasheet
270Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com