Electronic Components Datasheet Search
  English  ▼

X  

TPA4411 Datasheet(PDF) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TPA4411
Description  80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TPA4411 Datasheet(HTML) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TPA4411 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
DISSIPATION RATINGS TABLE
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPA4411
TPA4411M
SLOS430E – AUGUST 2004 – REVISED MARCH 2008
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
DERATING FACTOR(1)
POWER RATING
POWER RATING
POWER RATING
RTJ
5200 mW
41.6 mW/
°C
3120 mW
2700 mW
(TPA4411)
RTJ
3450 mW
34.5 mW/
°C
1898 mW
1380 mW
(TPA4411M)
YZH
1200 mW
9.21 mW/
°C
690 mW
600 mW
(1)
Derating factor measured with High K board.
AVAILABLE OPTIONS
TA
PACKAGED DEVICES(1)
PART NUMBER
SYMBOL
20-pin, 4 mm
× 4 mm QFN
TPA4411RTJ(2)
AKQ
–40
°C to 85°C
20-pin, 4 mm
× 4 mm QFN
TPA4411MRTJ(2)
BPB
16-ball, 2.18 mm
× 2.18 mm WSCP
TPA4411YZH
AKT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The RTJ package is only available taped and reeled. To order, add the suffix “R” to the end of the part number for a reel of 3000, or add
the suffix “T” to the end of the part number for a reel of 250 (e.g., TPA4411RTJR).
MIN
MAX
UNIT
Supply voltage, AVDD, PVDD
1.8
4.5(1)
V
VIH
High-level input voltage
SDL, SDR
1.5
V
VIL
Low-level input voltage
SDL, SDR
0.5
V
TA
Operating free-air temperature
–40
85
°C
(1)
Device can shut down for VDD > 4.5 V to prevent damage to the device.
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Output offset voltage
VDD = 1.8 V to 4.5 V, Inputs grounded
8
mV
PSRR
Power Supply Rejection Ratio
VDD = 1.8 V to 4.5 V
–69
–80
dB
VOH
High-level output voltage
VDD = 3 V, RL = 16 Ω
2.2
V
VOL
Low-level output voltage
VDD = 3 V, RL = 16 Ω
–1.1
V
|IIH|
High-level input current (SDL, SDR)
VDD = 4.5 V, VI = VDD
1
µA
|IIL|
Low-level input current (SDL, SDR)
VDD = 4.5 V, VI = 0 V
1
µA
VDD = 1.8 V, No load, SDL= SDR = VDD
5.3
6.5
VDD = 3 V, No load, SDL = SDR = VDD
6.5
8.0
mA
IDD
Supply Current
VDD = 4.5 V, No load, SDL = SDR = VDD
8.0
10.0
Shutdown mode, VDD = 1.8 V to 4.5 V
1
µA
4
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): TPA4411 TPA4411M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com