Electronic Components Datasheet Search
  English  ▼

X  

UM0034 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0034
Description  Getting Started
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0034 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0034 Datasheet HTML 12Page - STMicroelectronics UM0034 Datasheet HTML 13Page - STMicroelectronics UM0034 Datasheet HTML 14Page - STMicroelectronics UM0034 Datasheet HTML 15Page - STMicroelectronics UM0034 Datasheet HTML 16Page - STMicroelectronics UM0034 Datasheet HTML 17Page - STMicroelectronics UM0034 Datasheet HTML 18Page - STMicroelectronics UM0034 Datasheet HTML 19Page - STMicroelectronics UM0034 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Emulation configuration
ST7-EMU3 series emulator
16/39
4.3
ST Micro Connect box
The ST Micro Connect box is a common hardware target interface for a range of ST7. It
connects to your application via the EMU3 probe (emulation configuration) or the ICC Add-
on (in-circuit communication configuration). Depending on the configuration and your PC’s
operating system, it allows you to connect your PC via parallel port, USB port or Ethernet
connection.
Figure 16.
ST Micro Connect box
4.3.1
Physical characteristics
Front panel
On the front panel of the ST Micro Connect box you will find:
●
On/Off switch for the emulator,
●
input and output trigger connectors,
●
emulator status LEDs,
●
26-pin ‘Ext Link,’ for ICC connection,
●
ports for two 80-pin flat cables that connect the ST Micro Connect box to the EMU3
probe.
The three emulator status LEDs on the front panel of the ST Micro Connect box indicate the
state of the development tool during emulation:
●
Reset (Red)—indicates that the ST7 emulation chip is being reset. In addition, there is
one LED on the EMU3 probe, near the ST Micro Connect connectors, that lights when
data is being communicated between the ST Micro Connect box and the EMU3 probe.
●
Wait (Yellow)—indicates that emulator is in halt or wait for interrupt mode.
●
Run (Green)—indicates that the ST7 application is running (the ST7 is not in RESET,
WFI or HALT mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com