Electronic Components Datasheet Search
  English  ▼

X  

105MP500K Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 105MP500K
Description  Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

105MP500K Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  105MP500K Datasheet HTML 1Page - Illinois Capacitor, Inc. 105MP500K Datasheet HTML 2Page - Illinois Capacitor, Inc. 105MP500K Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
MP
Safety Mechanism Capacitors
UL 810
Class P2
Additional case sizes and capacitance values available.
Contact Illinois Capacitor, Inc. for details.
EN 60252-1
VDE P0 Class C
# replace with mounting tab style designation
## to be assigned by Illinois Capacitor, Inc.
250
400
450
1
32x20x11
38x22x12
38x24x12
3
32x35x14
38x30x20
48x28x18
5
38x26x16
38x35x27
48x34x24
7
38x30x20
48x36x27
48x40x30
8
38x30x21
48x40x28
VAC
µF
PART
NUMBER
VAC
LxHxT
(mm)
Capacitance
(µF)
1
250
105MP#250K2## 32x20x11
1
400
105MP#400K2## 38x22x12
1
450
105MP#450K2## 38x24x12
3
250
305MP#250K2## 32x35x14
3
400
305MP#400K2## 38x30x20
3
450
305MP#450K2## 48x28x18
5
250
505MP#250K2## 38x26x16
PART
NUMBER
VAC
LxHxT
(mm)
Capacitance
(µF)
1400
105MP#400KP0## 38x24x12
1450
105MP#450KP0## 38x26x14
3400
305MP#400KP0## 38x34x23
3450
305MP#450KP0## 38x35x26
PART
NUMBER
VAC
LxHxT
(mm)
Capacitance
(µF)
5
400
505MP#400KP0## 48x36x24
5
450
505MP#450KP0## 48x39x28
7
400
705MP#400KP0## 48x40x30
7
450
705MP#450KP0## 48x45x34
PART
NUMBER
VAC
LxHxT
(mm)
Capacitance
(µF)
5
400
505MP#400K2## 38x35x27
5
450
505MP#450K2## 48x34x24
7
250
705MP#250K2## 38x30x20
7
400
705MP#400K2## 48x36x27
7
450
705MP#450K2## 48x40x30
8
250
805MP#250K2## 38x30x21
8
400
805MP#400K2## 48x40x28
400
450
1
38x24x12
38x26x14
3
38x34x23
38x35x26
5
48x36x24
48x39x28
7
48x40x30
48x45x34
VAC
µF
LxHxT
(mm)
Convert to inches divide by 25.4
LxHxT
(mm)
Convert to inches
divide by 25.4
Metallized Polypropylene
Motor Run/AC film
Capacitors in Boxes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com