Electronic Components Datasheet Search
  English  ▼

X  

335RLS050M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 335RLS050M
Description  85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

335RLS050M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  335RLS050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 335RLS050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 335RLS050M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
88
®
D
5.0
6.3
8.0
10.0
12.5
S
2.0
2.5
3.5
5.0
5.0
d
0.5
0.5
0.6
0.6
0.6
B
0.5
0.5
0.5
0.5
0.8
RLS
+ 85°C Low Leakage
Radial Lead Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
0.1
0.15
0.22
0.33
0.47
0.68
1
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
1000
(µF)
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
6.3x11
5x11
5x11
6.3x11
6.3x11
5x11
6.3x11
8x11.5
5x11
6.3x11
6.3x11
8x11.5
6.3x11
8x11.5
10x12.5
6.3x11
8x11.5
8x11.5
10x12.5
10x16
8x11.5
10x12.5
10x16
10x20
8x11.5
10x12.5
10x16
10x20
12.5x20
10x12.5
10x16
10x20
12.5x20
10x16
10x20
12.5x20
WVDC
(SV)
D
≤8.0, L1= L+1.0 Max.
D>8.0, L1= L+1.5 Max.
D1= D+B Max.
S1= S±.05mm Max.
DxL(mm)
Convert to inches, divide by 25.4
NOTE: Case Vent is standard on all diameter
≥8.0mm
PVC SLEEVE
d
S1
D1
L1
L
L
19.0 MIN
15.0 MIN
+
-
10
(13)
16
(20)
25
(32)
35
(44)
50
(63)
LEAD INFORMATION VS. CASE DIAMETER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com