Electronic Components Datasheet Search
  English  ▼

X  

682PPB202KB Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 682PPB202KB
Description  Polypropylene Film Capacitors for Power Semiconductor Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

682PPB202KB Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  682PPB202KB Datasheet HTML 1Page - Illinois Capacitor, Inc. 682PPB202KB Datasheet HTML 2Page - Illinois Capacitor, Inc. 682PPB202KB Datasheet HTML 3Page - Illinois Capacitor, Inc. 682PPB202KB Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
+105°C Metallized
Polypropylene
Capacitor
PERMISSIBLE AC VOLTAGE VS.FREQUENCY
PPB
10
1
10
3
10
2
10
3
10
4
10
5
10
6Hz
250VDC/160VAC
0.22
µF
0.68
µF
4.7
µF
10
2
10
1
10
3
10
2
10
3
10
4
10
5
10
6 Hz
630VDC/400VAC
0.047
µF
0.33
µF
1.5
µF
10
2
10
1
10
3
10
2
10
3
10
4
10
5
10
6Hz
1600VDC/650VAC
0.01
µF
0.068
µF
0.47
µF
10
2
10
1
10
3
10
2
10
3
10
4
10
5
10
6Hz
400VDC/200VAC
0.1
µF
0.68
µF
3.3
µF
10
2
10
1
10
3
10
2
10
3
10
4
10
5
10
6Hz
1000VDC/600VAC
0.01
µF
0.1
µF
1.0
µF
10
2
10
1
10
3
10
2
10
3
10
4
10
5
10
6 Hz
2000VDC/700VAC
6800pF
0.047
µF
0.22
µF
10
2
191



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com