Electronic Components Datasheet Search
  English  ▼

X  

54ALS574 Datasheet(PDF) 3 Page - Texas Instruments

Part # 54ALS574
Description  OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

54ALS574 Datasheet(HTML) 3 Page - Texas Instruments

  54ALS574 Datasheet HTML 1Page - Texas Instruments 54ALS574 Datasheet HTML 2Page - Texas Instruments 54ALS574 Datasheet HTML 3Page - Texas Instruments 54ALS574 Datasheet HTML 4Page - Texas Instruments 54ALS574 Datasheet HTML 5Page - Texas Instruments 54ALS574 Datasheet HTML 6Page - Texas Instruments 54ALS574 Datasheet HTML 7Page - Texas Instruments 54ALS574 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN54ALS574B, SN54AS574, SN54AS575
SN74ALS574B, SN74ALS575A, SN74AS574, SN74AS575
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SDAS165B – JUNE 1982 – REVISED JULY 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic diagrams (positive logic)
OE
CLK
1D
1Q
1
11
2
19
To Seven Other Channels
1D
C1
OE
CLK
1D
1Q
2
14
3
22
To Seven Other Channels
1D
C1
SN54ALS574B, SN74ALS574B,
SN54AS574, SN74AS574
SN74ALS575A, SN54AS575,
SN74AS575
1
CLR
Pin numbers shown are for the DW, J, JT, N, and NT packages.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled 3-state output
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS574B
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS574B, SN74ALS575A
0
°C to 70°C
. . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54ALS574B
SN74ALS574B
SN74ALS575A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
–1
– 2.6
mA
IOL
Low-level output current
12
24
mA
f lk
Clock frequency
′ALS574B
0
28
0
35
MHz
fclock
Clock frequency
SN74ALS575A
0
30
MHz
t
Pulse duration
′ALS574B, CLK high or low
16.5
14
ns
tw
Pulse duration
SN74ALS575A, CLK high or low
16.5
ns
t
Set p time before CLK
↑
Data
15
15
ns
tsu
Setup time before CLK
↑
SN74ALS575A, CLR
15
ns
th
Hold time after CLK
↑
Data
4
0
ns
th
Hold time after CLK
↑
SN74ALS575A, CLR
0
ns
TA
Operating free-air temperature
–55
125
0
70
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com