Electronic Components Datasheet Search
  English  ▼

X  

P520X Datasheet(PDF) 4 Page - ETAL Group

Part # P520X
Description  Digital Isolation Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P520X Datasheet(HTML) 4 Page - ETAL Group

  P520X Datasheet HTML 1Page - ETAL Group P520X Datasheet HTML 2Page - ETAL Group P520X Datasheet HTML 3Page - ETAL Group P520X Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P520X
ETALDOC 799/4
Page 4 of 4
July 2005
ORDERING CODE
P520
ÿTR
TR = Tape and Reel
(Blank) = Bulk in tubes.
Turns ratio variant:
0 = 1.67:1
1 = 1.5:1
2 = 2.4:1
3 = 2.6:1
4 = 2:1
5= 1:1
Carrier tape width 16mm,
2500 parts per 13” reel.
T R A N S F O R M I N G
T H E
F U T U R E
Profec Technologies Ltd., 10 Betts Avenue, Martlesham Heath, Ipswich, IP5 3RH, England
Telephone: +44 (0) 1473 611422
Fax: +44 (0) 1473 611919
Website: www.profec.com
Email: info@profec.co.uk sales@profec.com
FM 25326
ISO 9001
E203175



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com