Electronic Components Datasheet Search
  English  ▼

X  

P1165 Datasheet(PDF) 7 Page - ETAL Group

Part # P1165
Description  LOW PROFILE LINE MATCHING TRANSFORMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P1165 Datasheet(HTML) 7 Page - ETAL Group

  P1165 Datasheet HTML 1Page - ETAL Group P1165 Datasheet HTML 2Page - ETAL Group P1165 Datasheet HTML 3Page - ETAL Group P1165 Datasheet HTML 4Page - ETAL Group P1165 Datasheet HTML 5Page - ETAL Group P1165 Datasheet HTML 6Page - ETAL Group P1165 Datasheet HTML 7Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
P1165
ETALDOC 78/22
Page 7 of 5
February 2006
ABSOLUTE MAXIMUM RATINGS
COPYRIGHT
(Ratings of components independent of circuit).
Short term isolation voltage (2s)
DC current
Storage temperature
Lead temperature, 10s
4.6kVrms,
6.5kV DC
100
μA
-40ºC to
+125ºC
260ºC
ETAL, and P1165 are Trade Marks of Profec
Technologies Ltd.
The Trade Mark ETAL is registered at the UK
Trade Marks Registry.
Profec Technologies Ltd. is the owner of the
design right under the Copyright Designs and
Patents Act 1988 and no rights or licences are
hereby granted or implied to any third party.
© 1997 - 2006 Profec Technologies Ltd.
Reproduction prohibited.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
FM 25326
ISO 9001
E203175



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com