Electronic Components Datasheet Search
  English  ▼

X  

P5200 Datasheet(PDF) 3 Page - ETAL Group

Part # P5200
Description  Digital Isolation Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P5200 Datasheet(HTML) 3 Page - ETAL Group

  P5200 Datasheet HTML 1Page - ETAL Group P5200 Datasheet HTML 2Page - ETAL Group P5200 Datasheet HTML 3Page - ETAL Group P5200 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P520X
ETALDOC 799/4
Page 3 of 4
July 2005
SAFETY
CERTIFICATION
Manufactured
from
materials
conforming
to
flammability requirements of UL94V-0.
Construction
complies
with
IEC 60950-1,
EN 60950-1
and
UL 60950-1,
supplementary
insulation for a primary circuit, 250Vrms maximum
working voltage.
Certified
by
UL
International
Demko
to
IEC 60950-1:2001 (IEC CB Test Certificate
No. DK-7305) for a maximum working voltage of
250Vrms, nominal mains supply voltage not
exceeding 250Vrms and a maximum operating
temperature of +85ºC in Pollution Degree 2
environment, supplementary insulation for a
primary circuit.
Recognized under the Component Recognition
Program of Underwriters Laboratories Inc. to US and
Canadian
requirements
CAN/CSA
C22.2
No. 60950-1-03/UL60950-1, First Edition, based on
IEC 60950-1, First Edition, maximum working
voltage
250Vrms,
Pollution
Degree 2,
supplementary insulation.
UL File number E203175.
Profec Technologies certifies all transformers as
providing voltage isolation of 2.12kVrms, 3kV DC
minimum.
All shipments are supported by a
Certificate of Conformity to current applicable
safety standards.
ABSOLUTE MAXIMUM RATINGS
COPYRIGHT
(Ratings of components independent of circuit).
Short term isolation voltage (1s)
2.0kVrms,
2.8kVDC
Storage temperature
-40ºC to
+100ºC
Operating temperature
-25ºC to
+85ºC
Soldering temperature
Profile peak -
260ºC
10s
Handle in accordance with IPC/JEDEC J-STD-033
procedure
for
components
classified
as
IPC/JEDEC
J-STD-020
Moisture
Sensitivity
Level 2.
ETAL and P520x (x = 1 to 5) are Trade Marks of
Profec Technologies Ltd.
The Trade Mark ETAL is registered at the UK
Trade Marks Registry.
Smart DAA is a trademark of Conexant Systems,
Inc.
Profec Technologies Ltd. is the owner of the
design right under the Copyright Designs and
Patents Act 1988 and no rights or licences are
hereby granted or implied to any third party.
© 2003, 2004 Profec Technologies Ltd.
Reproduction prohibited.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com