Electronic Components Datasheet Search
  English  ▼

X  

P2602 Datasheet(PDF) 5 Page - ETAL Group

Part # P2602
Description  LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2602 Datasheet(HTML) 5 Page - ETAL Group

  P2602 Datasheet HTML 1Page - ETAL Group P2602 Datasheet HTML 2Page - ETAL Group P2602 Datasheet HTML 3Page - ETAL Group P2602 Datasheet HTML 4Page - ETAL Group P2602 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
P2602
ETALDOC 258/8
Page 5 of 4
February 2006
SAFETY
CERTIFICATION
Constructed in accordance with IEC 60950-1:2001,
EN 60950-1:2001 and UL 60950-1 First Edition,
supplementary insulation, 250Vrms maximum
working voltage, flammability class V-0.
Distances
through
solid
insulation
0.4mm
minimum.
Certified under the IEC CB scheme (Certificate
DK-9431) to IEC 60950-1:2001, sub-clauses 1.5,
1.5.1, 1.5.2, 1.7, 1.7.1, 2, 2.9, 2.9.1, 2.9.2, 2.9.3,
2.10, 2.10.1, 2.10.2, 2.10.3, 2.10.3.1, 2.10.3.3,
2.10.4, 2.10.5, 2.10.5.1, 2.10.5.4, 4, 4.7, 4.7.1,
4.7.3, 4.7.3.1, 4.7.3.4, 5, 5.2, 5.2.1, and 5.2.2 for a
maximum working voltage of 250Vrms, nominal
mains supply voltage not exceeding 300Vrms and
a maximum operating temperature of 85ºC in
Pollution Degree 2 environments, supplementary
insulation,
including
national
differences
for
Denmark, Finland, Germany, Norway, Sweden,
Switzerland, USA, Canada and UK.
Recognized under the Component Recognition
Program of Underwriters Laboratories Inc. to US and
Canadian
requirements
CAN/CSA
C22.2
No. 60950-1-03/UL60950-1, First Edition, based on
IEC 60950-1, First Edition, maximum working voltage
250Vrms, Pollution Degree 2, reinforced insulation.
UL File number E203175.
Additionally, ETAL certifies all transformers as providing
voltage isolation of 3.88kVrms, 5.5kV DC minimum.
All shipments are supported by a certificate of
conformity to current applicable safety standards.
ABSOLUTE MAXIMUM RATINGS
COPYRIGHT
(Ratings of components independent of circuit).
Short term isolation voltage (1s)
DC polarizing current
Storage temperature
Lead temperature, 10s
4.6kVrms,
6.5kV DC
100
μA
-40ºC to
+125ºC
260ºC
ETAL, P1200 and P2602 are Trade Marks of
Profec Technologies Ltd.
The Trade Mark ETAL is registered at the UK
Trade Marks Registry.
Profec Technologies Ltd. is the owner of the
design right under the Copyright Designs and
Patents Act 1988 and no rights or licences are
hereby granted or implied to any third party.
© 1996 - 2006 Profec Technologies Ltd.
Reproduction prohibited.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
FM 25326
ISO 9001
E203175



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com