Electronic Components Datasheet Search
  English  ▼

X  

R2201249 Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # R2201249
Description  Miniature plug-in power relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

R2201249 Datasheet(HTML) 2 Page - ZETTLER Electronics

  R2201249 Datasheet HTML 1Page - ZETTLER Electronics R2201249 Datasheet HTML 2Page - ZETTLER Electronics R2201249 Datasheet HTML 3Page - ZETTLER Electronics R2201249 Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
R2
Miniature plug-in power relays
Coil data - AC 50 Hz version
Table 2
1005
1006
1012
1024
1048
1060
1080
1110
1125
1220
3006
3012
3024
3042
3048
3060
3080
3110
3120
3127
3220
3230
5
6
12
24
48
60
80
110
125
220
6
12
24
42
48
60
80
110
120
127
220
230/240
12
50
190
565
785
1 240
2 190
3 880
4 150
4 940
16 300
17 400
4,8
9,6
19,2
33,6
38,4
48,0
64,0
88,0
96,0
101,6
176,0
184,0
6,6
13,2
26,4
46,2
52,8
66,0
88,0
121,0
132,0
139,0
242,0
253,0
28
40
160
640
2 600
4 000
7 100
13 600
16 000
54 000
4,0
4,8
9,6
19,2
38,4
48,0
64,0
88,0
100,0
176,0
5,5
6,6
13,2
26,4
52,8
66,0
88,0
121,0
137,5
242,0
Coil code
Rated voltage
VDC
Coil resistance
(±10%) at 20 °C
W
Coil operating range
VDC
max. (at 55 °C)
min. (at 20 °C)
Coil data - DC version
Table 1
Coil operating range
VAC
max. (at 55 °C)
min. (at 20 °C)
Electrical life at AC resistive load
Fig. 1
3
10,8
0,4
0,6
0,2
0,8
1
0,6
0,4
cosj
F
Electrical life reduction factor
at AC inductive load
Fig. 2
Power factor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com