Electronic Components Datasheet Search
  English  ▼

X  

SN54AS250AFK Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54AS250AFK
Description  1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AS250AFK Datasheet(HTML) 5 Page - Texas Instruments

  SN54AS250AFK Datasheet HTML 1Page - Texas Instruments SN54AS250AFK Datasheet HTML 2Page - Texas Instruments SN54AS250AFK Datasheet HTML 3Page - Texas Instruments SN54AS250AFK Datasheet HTML 4Page - Texas Instruments SN54AS250AFK Datasheet HTML 5Page - Texas Instruments SN54AS250AFK Datasheet HTML 6Page - Texas Instruments SN54AS250AFK Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN54AS250A, SN74AS250A
1-OF-16 DATA GENERATORS/MULTIPLEXERS
WITH 3-STATE OUTPUTS
SDAS137A – DECEMBER 1983 – REVISED DECEMBER 1994
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX†
UNIT
SN54AS250A
SN74AS250A
MIN
MAX
MIN
MAX
tPLH
Data
W
2
9.5
2
8
ns
tPHL
Data
W
2
8.5
2
7
ns
tPLH
ABCD
W
4
15.5
4
13
ns
tPHL
A, B, C, D
W
4
12
4
10.5
ns
tPZH
OE
W
2
7.5
2
7
ns
tPZL
OE
W
2
10
2
9
ns
tPHZ
OE
W
1.5
6.5
1.5
6
ns
tPLZ
OE
W
2
8.5
2
6.5
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com