Electronic Components Datasheet Search
  English  ▼

X  

CPB1621 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # CPB1621
Description  Power Distribution Blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CPB1621 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  CPB1621 Datasheet HTML 1Page - Cooper Bussmann, Inc. CPB1621 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
135
Series 160, 162, 163 & 165
Power Distribution Blocks
SPECIFICATIONS
Rating: To 840A, 600V; UL/CSA. See table.
Materials: Molded material: Black,
UL rated 94V0 thermoplastic
Operating Temperature: 150°C
Marking: Marker strip is optional, consult factory.
Agency Information: UL 221592; General Industrial Class per
UL 1059; CSA LR053787; CE Certified
Covers: See page 137
No. of
Poles
2
3
4
A
4.12
5.37
6.62
B
3.62
4.87
6.12
Part
Number
*16021
*16023
16220
16321
16323
16325
16330
16332
16335
16370
16371
16372
16373
16375
16376
16377
16528
16530
Line
Connection
2/0-#8CU-AL
350MCM-#6CU-AL
2/0-#14CU/#8AL
2/0-#14CU-AL
350MCM-#6CU-AL
(2)
2/0-#14CU/#8AL
500MCM-#6CU-AL
350MCM-#6CU-AL
500MCM-#6CU-AL
350MCM-#6CU-AL
350MCM-#6CU-AL
350MCM-#6CU-AL
350MCM-#6CU-AL
600MCM-#2CU-AL
600MCM-#2CU-AL
(2)
300MCM-#2CU-AL
(2)
600MCM-#2CU-AL
(2)
500MCM-#6CU-AL
Connector
Material &
Ampacity
AL-175A
AL-310A
AL-175A
AL-175A
AL-310A
AL-350A
AL-380A
AL-310A
AL-380A
AL-310A
AL-310A
AL-310A
AL-310A
AL-420A
AL-420A
AL-570A
AL-840A
AL-760A
Load
Connection
(6)
#4-14CU/#8AL
(6)
#4-14CU/#8AL
(4)
#4-14CU/#8AL
(6)
#4-14CU/#8AL
(6)
#4-14CU/#8AL
(6)
#4-14CU/#8AL
(6)
#4-14CU/#8AL
(3)
#4-14CU/#8AL
& (2)1/0-#14CU/#8AL
(3)
#2-#14CU/#8AL
& (2)1/0-#14CU/#8AL
(12)
#4-14CU/#8AL
(6)
#2-14CU/#8AL
(3)
1/0-#14CU/#8AL
(21)
#10-#14CU/#10AL
(3)
1/0-#14CU/#8AL
(14)
##10-#14CU/#8AL
(12)
#4-#14CU/#8AL
(6)
#2-#14CU-8AL
(3)
#1/0-#14CU-8AL
(12)
#4-#14CU/#8AL
(4)
3/0-#8CU-AL
& (4)#4-#14CU/#8AL
(12)
#4-#14CU/#8AL
Agency
Approvals
UL
CSA
UL
CSA
UL
CSA
UL
CSA
UL
CSA
UL
CSA
UL
CSA
UL
CSA
UL
CSA
UL
–
UL
CSA
UL
CSA
UL
CSA
UL
CSA
UL
CSA
UL
CSA
UL
–
UL
CSA
UL
CSA
* 160 Series Bases have mounting holes outside the barriers. Other bases (162 through 165)
have mounting holes within barriers. See dimensional drawings.
( )
Openings per pole.
Series
162
163
165
A
2.87
4.00
5.50
B
2.25
3.37
4.75
C
1-pole
1.06
1.98
3.12
C
2-pole
1.87
3.60
5.81
C
3-pole
2.68
5.21
8.50
Series
162
163
165
D
1.75
3.32
3.12
E
.81
1.62
2.68
F
.53
.97
1.56
G
.31
.31
.37
H
.84
.87
1.37
J
.31
.35
.62
C
D
E
F
E
A
B
G
J
MTG. HOLES .21 x .41
C’BORE .42 x .62 x. 12 DEEP
20. dia. hole w/ .40 dia. c'bore
A
D
H
B
G
J
F
C
E
E
2.00
.37
1.00
.50
.68
1.37
2.06
2.75
.21 x .37
slots
B
A
.26 dia.
holes


Similar Part No. - CPB1621

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CPB162 COOPER-CPB162 Datasheet
95Kb / 2P
Connector/Stud Power Distribution Blocks
More results

Similar Description - CPB1621

ManufacturerPart #DatasheetDescription
logo
Altech corporation
38075 ALTECH-38075 Datasheet
34Kb / 1P
THREE PHASE POWER DISTRIBUTION BLOCKS
38049 ALTECH-38049 Datasheet
120Kb / 2P
ONE PHASE POWER DISTRIBUTION BLOCKS
logo
Cooper Bussmann, Inc.
CPB162 COOPER-CPB162 Datasheet
95Kb / 2P
Connector/Stud Power Distribution Blocks
11675-2 COOPER-11675-2 Datasheet
126Kb / 2P
Quick-Connect Power Distribution Blocks
16200-1 COOPER-16200-1 Datasheet
197Kb / 3P
Power Distribution & Terminal Blocks
logo
List of Unclassifed Man...
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
ferrule power distribution fuse blocks
logo
Littelfuse
GDB LITTELFUSE-GDB Datasheet
368Kb / 10P
Global Distribution Blocks
LFD25703Z LITTELFUSE-LFD25703Z Datasheet
1Mb / 8P
Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
logo
Altech corporation
38680 ALTECH-38680 Datasheet
1Mb / 3P
UL1953 Power Distribution Blocks
logo
ABB
1SNA356103R0400 ABB-1SNA356103R0400 Datasheet
54Kb / 3P
DBTI Distribution Terminal Blocks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com