Electronic Components Datasheet Search
  English  ▼

X  

LP301105 Datasheet(PDF) 9 Page - Cooper Bussmann, Inc.

Part # LP301105
Description  Single Row Terminal Blocks
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LP301105 Datasheet(HTML) 9 Page - Cooper Bussmann, Inc.

Back Button LP301105 Datasheet HTML 5Page - Cooper Bussmann, Inc. LP301105 Datasheet HTML 6Page - Cooper Bussmann, Inc. LP301105 Datasheet HTML 7Page - Cooper Bussmann, Inc. LP301105 Datasheet HTML 8Page - Cooper Bussmann, Inc. LP301105 Datasheet HTML 9Page - Cooper Bussmann, Inc. LP301105 Datasheet HTML 10Page - Cooper Bussmann, Inc. LP301105 Datasheet HTML 11Page - Cooper Bussmann, Inc. LP301105 Datasheet HTML 12Page - Cooper Bussmann, Inc. LP301105 Datasheet HTML 13Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
MOUNTING
PLATE
;
MP
MP8
;
MT
;
;
.144 HOLE
w/.312 C' BORE
.375
.24
Options MP, MP8 & MT
MP Metal inserts with .150” dia. hole accept
#6 screw. MP8 Metal inserts with .187” dia.
hole accept #8-32 screw. MT Metal inserts
with tapped hole accept #6-32 screw.
Option DR
Counterbored holes across mount ends of
block enable fastening with two screws at
right angles to normal mount position.
Drilled Right Angle (A2, LP2 only)
Mounting Plates
;
STANDOFF
.300
Option SO
Standoff mounts are tubes molded to the
mounting positions. Available with insulator
bases only.
Retaining Clip
Standoffs
;
RETAINING CLIP
Option RC
Use on standoff tubes. Fit panels up to .125”
thick. Two clips for every five positions.
Supplied unassembled. Bulk Part No. H541.
Mounting Options
;
;
.32
.45
.15
.25
.04
Option AB
Angle brackets enable block to be fastened
at right angles to normal mount position.
Bulk part no. 2AB.
Angle Brackets (A2, LP2 only)
Right Angle Bends (A2, LP2 only)
Right angle terminals are offered on the A2000 & LP2000 Series.
Configurations are defined in these dimensions: X = pin extension beyond the
block base; Z = length from block base to centerline of the terminal tip.
Standard bends consist of the X and Z dimensions shown in the chart.
Specify by adding the selected Bend Option Code to the terminal part no.
X
Z
.82
X
Z
.55
07 Terminal Bend Configurations
04 Terminal Bend Configurations
Bend
Available
Option
X
Z
w/insulator
Code
(minimum)
base
R30
-.04
.28
No
R35
.01
.23
No
R36
.02
.22
No
R39
.05
.19
No
R42
.08
.16
No
R46
.12
.12
No
R48
.14
.10
No
R50
.16
.08
No
Bend
Available
Option
X
Z
w/insulator
Code
(minimum)
base
R30
-.04
.55
Yes
R35
.01
.50
Yes
R36
.02
.49
Yes
R42
.08
.43
Yes
R46
.12
.39
Yes
R50
.16
.35
No
R53
.19
.32
No
R66
.32
.19
No
R69
.35
.16
No
R75
.41
.10
No
R77
.43
.08
No
Dimensions in inches. To convert to millimeters, multiply by 25.4.
Series A2000 & LP2000
Single Row Terminal Blocks
Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com