Electronic Components Datasheet Search
  English  ▼

X  

11675-2 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 11675-2
Description  Quick-Connect Power Distribution Blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

11675-2 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  11675-2 Datasheet HTML 1Page - Cooper Bussmann, Inc. 11675-2 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
132
®
MAGNUM
Series 11675
Quick-Connect Power Distribution Blocks
SPECIFICATIONS
Rating: 40A, 250V
Poles: 2 to 6 poles with (3) .250" quick-connect terminals
per pole
Wire Range: #8-14 AWG CU
Torque Rating: 18 in-lb.
Operating Temperature: 150°C
Design: Screw connections for field wiring. Quick connects
reduce cost of internal wiring.
Breakdown Voltage:
Agency Information: UL/CSA; CE Certified
* Dimensions in inches. To convert to millimeters, multiply by 25.4.
Part
Number
11675-2
11675-3
11675-4
11675-5
11675-6
A
2.09
2.66
3.22
3.78
4.34
D
1.15
1.71
2.28
2.84
3.40
B
1.68
2.25
2.81
3.37
3.93
C
.56
1.12
1.68
2.25
2.81
Series 11725
Quick-Connect Power Distribution Blocks
SPECIFICATIONS
Rating: 70A, 600V; UL/CSA
Poles: 2, 3 or 4 poles with (4) .250" quick-connect terminals
per pole
Wire Range: #2-14 AWG CU / #2-8 AWG AL
Torque Rating: 45 in-lb.
Operating Temperature: 150°C
Design: Screw connections for field wiring. Quick connects
reduce cost of internal wiring.
Agency Information: UL/CSA E62622; CE Certified
* Dimensions in inches. To convert to millimeters, multiply by 25.4.
Part
Number
11725-2
11725-3
11725-4
A
2.50
3.18
3.87
D
1.37
2.06
2.75
B
2.06
2.75
3.43
C
.68
1.37
2.06
.43
(11.0)
1.03
(26.1)
.37
(9.4)
.20 (5.08) I.D.
eyelets
.20 (5.1)
dia. holes
.50
(12.7)
1.37
(34.79)
.20
(5.1)
.56
(14.2)
.76
(19.3)
.46
(11.7)
A
B
C
D
.43
(10.9)
1.12
(28.4)
.59
(15.0)
.19 (5.0) I.D.
eyelets
.19 (5.0)
dia. holes
.62
(15.7)
1.84
(46.7)
.21
(5.3)
.68
(17.3)
.90
(22.9)
.56
(14.2)
A
B
C
D


Similar Part No. - 11675-2

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
11675 ATOM-11675 Datasheet
192Kb / 3P
AT9029 TRI
20th of January 2025 20:11:24
More results

Similar Description - 11675-2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
KP448 MICROSEMI-KP448 Datasheet
106Kb / 2P
QUICK CONNECT RECTIFIER
logo
Altech corporation
38049 ALTECH-38049 Datasheet
120Kb / 2P
ONE PHASE POWER DISTRIBUTION BLOCKS
logo
Advanced Technical Mate...
OD-28HQ ATM-OD-28HQ Datasheet
129Kb / 1P
WR28 QUICK CONNECT
logo
Cooper Bussmann, Inc.
NTQ23 COOPER-NTQ23 Datasheet
78Kb / 1P
Quick Connect Terminal Blocks
CPB162 COOPER-CPB162 Datasheet
95Kb / 2P
Connector/Stud Power Distribution Blocks
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
Power Distribution Blocks
16200-1 COOPER-16200-1 Datasheet
197Kb / 3P
Power Distribution & Terminal Blocks
logo
Grayhill, Inc
29-104 GRAYHILL-29-104 Datasheet
75Kb / 1P
Quick Connect/Disconnect
logo
List of Unclassifed Man...
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
ferrule power distribution fuse blocks
logo
Altech corporation
38680 ALTECH-38680 Datasheet
1Mb / 3P
UL1953 Power Distribution Blocks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com