Electronic Components Datasheet Search
  English  ▼

X  

11675-3 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 11675-3
Description  Quick-Connect Power Distribution Blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

11675-3 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  11675-3 Datasheet HTML 1Page - Cooper Bussmann, Inc. 11675-3 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Series EN
Power Blocks
1.78" Centers
SPECIFICATIONS
Rating: 285A, 600V; UL/CSA
Wire Range: Line Connection: #300MCM-#4 CU/AL
Load Connection: (6) #6-14AWG CU
(6) #8-14 AWG AL
Material: Molded material; Black, UL rated
94V-2 thermoplastic
Operating Temperature: 125°C
Torque Rating: 200 in-lb. line terminal, 20 in-lb. load terminal
Agency Information: UL/CSA; CE Certified
Covers: Not available
Series
EN61
EN62
EN63
A
1.38
3.15
4.93
B
1.78
3.62
5.37
.20 x .37
mtg. slot
1.68
(42.67)
.50
(12.70)
2.12
(53.84)
A
B
BUSS
CPDB
®
4.14
CPDB-1=2.10"
CPDB-2=3.72"
CPDB-3=5.34"
SUPPLIED WITH
(4) #4 THREAD-CUTTING SCREWS
ASSEMBLED AS SHOWN
Clear with write on surface
Part Numbering System
Series
-
160
1 - One Pole Block (162,165 Series only)
162
2 - Two Pole Block
165
3 - Three Pole Block
4 - Four Pole Block (160 Series only)
C P B
Covers (160, 162, 165 Series)
Part Numbering System
Series
-
1- One Pole Block
2- Two Pole Block
3- Three Pole Block
C P D B
Covers (163 Series)
137



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com