Electronic Components Datasheet Search
  English  ▼

X  

P3176 Datasheet(PDF) 2 Page - ETAL Group

Part # P3176
Description  ULTRA LOW DISTORTION LINE MATCHING TRANSFORMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3176 Datasheet(HTML) 2 Page - ETAL Group

  P3176 Datasheet HTML 1Page - ETAL Group P3176 Datasheet HTML 2Page - ETAL Group P3176 Datasheet HTML 3Page - ETAL Group P3176 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P3176
ETALDOC 575/9
Page 2 of 4
February 2006
SPECIFICATIONS
Electrical
At T = 25ºC and as circuit Fig. 2 unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Insertion Loss
f = 2kHz, RL = 510Ω
-
2.5
-
dB
Frequency Response
LF -3dB cutoff
HF -3dB cutoff
100Hz - 4kHz
-
-
-
10
6
±0.6
-
-
-
Hz
kHz
dB
Return Loss
200Hz - 4kHz
16
-
-
dB
Third Harmonic
Distortion
(1)
450Hz 0dBm in line
150Hz -3dBm in line
-
-
-85
-78
-
-
dBm
dBm
Saturation
Excitation 50Hz
250Vrms.
Output voltage
across line
-
-
-
-
10
65
Vrms
Vpeak
Voltage
isolation
(2)
50Hz
DC
3.88
5.5
-
-
-
-
kVrms
kV
Operating range:
Functional
Storage
Ambient temperature
-25
-40
-
-
+85
+125
ºC
ºC
Lumped equivalent circuit parameters as Fig. 1
DC resistance, RDC
(3)
Sum of windings
180
-
220
Ω
Leakage inductance
ΔL
22.3
-
27.7
mH
Shunt inductance Lp
(4)
10mV 200Hz
8.5
11
-
H
Shunt loss Rp
(4)
10mV 200Hz
17
25
-
k
Ω
Notes
1.
Third
harmonic
typically
exceeds
other
harmonics by 10dB.
2.
Components are 100% tested at 6.5kV DC.
3.
Caution: do not pass DC through windings.
Telephone line current, etc. must be diverted
using semiconductor line hold circuit.
4.
At signal levels greater than 100mV, Lp will
increase and Rp will decrease slightly but the
effect is usually favourable to the return loss
characteristic.
Equivalent Circuit
IDEAL
1:1
LINE
EQUIPMENT
Fig 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com