Electronic Components Datasheet Search
  English  ▼

X  

P3181 Datasheet(PDF) 2 Page - ETAL Group

Part # P3181
Description  ULTRA LOW DISTORTION MICROPROFILE SMD LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3181 Datasheet(HTML) 2 Page - ETAL Group

  P3181 Datasheet HTML 1Page - ETAL Group P3181 Datasheet HTML 2Page - ETAL Group P3181 Datasheet HTML 3Page - ETAL Group P3181 Datasheet HTML 4Page - ETAL Group P3181 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P3181
ETALDOC 567/13
Page 2 of 5
October 2007
SPECIFICATIONS
Electrical
At T = 25°C and as circuit Fig. 2 unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Frequency response
30Hz - 4kHz
-
-
±0.2
dB
Return Loss
200Hz - 4kHz
16
-
-
dB
Third Harmonic
Distortion
(1) (3)
150Hz -10dBm in line
-
-90
-
dBm
Balance
DC - 5kHz
Method TG25
80
-
-
dB
Voltage
Isolation
(2)
50Hz
DC
3.88
5.5
-
-
kVrms
kV
Operating range:
Functional
Storage
(4)
Humidity
Ambient temperature
-25
-40
-
-
-
-
+85
+125
95
°C
°C
%R.H.
Lumped equivalent circuit parameters as Fig. 1
DC resistance
(3), R
DCP
RDCS
Pins 4-6
Pins 1-3
200
220
-
-
250
280
Ω
Ω
Leakage inductance,
ΔL
-
10.8
-
mH
Shunt inductance, Lp
10mV 200Hz
4.7
-
-
H
Shunt loss, Rp
10mV 200Hz
14
-
-
k
Ω
Notes
1.
Third
harmonic
typically
exceeds
other
harmonics by 10dB.
2.
Components 100% tested at 6.5 kVDC.
3.
Caution:
Passing DC through windings will
permanently increase distortion.
Telephone line current, etc. must be diverted
using semiconductor line hold circuit.
4.
Excludes shipping materials. Components are
dry packed and sealed as shipped. Handle in
accordance
with
IPC/JEDEC
J-STD-033
procedure
for
components
classified
as
IPC/JEDEC J-STD-020 Moisture Sensitivity
Level 5a.
Patented
Equivalent Circuit
Fig . 1
IDEAL
1:1.1
½ L
½ L
R
R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com